Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0431AKLFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9FGU0431AKLFT
Description  4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0431AKLFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9FGU0431AKLFT Datasheet HTML 3Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 4Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 9Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 10Page - Integrated Device Technology 9FGU0431AKLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OCTOBER 18, 2016
7
4 O/P 1.5V PCIE GEN1-2-3 CLOCK GENERATOR
9FGU0431 DATASHEET
Electrical Characteristics–DIF Low-Power HCSL Outputs
Electrical Characteristics–DIF Output Phase Jitter Parameters
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Scope averaging on fast setting
1.1
2.2
3.3
V/ns
1,2,3
Scope averaging on slow setting
0.9
1.7
2.6
V/ns
1,2,3
Slew rate matching
ΔTrf
Slew rate matching, Scope averaging on
3
20
%
1,2,4
Voltage High
VHIGH
600
735
850
7
Voltage Low
VLOW
-150
-16
150
7
Max Voltage
Vmax
779
1150
7
Min Voltage
Vmin
-300
-45
7
Vswing
Vswing
Scope averaging off
300
1503
mV
1,2,7
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
405
550
mV
1,5,7
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
12
140
mV
1,6,7
2 Measured from differential waveform
7 At default SMBus amplitude settings.
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
Slew rate
Trf
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
IND.
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
27.7
40
86
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.0
1.3
3
ps
(rms)
1,2,3,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
1.9
2.2
3.1
ps
(rms)
1,2,3,5
tjphPCIeG3
PCIe Gen 3 Common Clock Architecture
(PLL BW of 2-4 or 2-5MHz, CDR = 10MHz)
0.4
0.6
1
ps
(rms)
1,2,3,5
tjphPCIeG3SRn
S
PCIe Gen 3 Separate Reference No Spread (SRnS)
(PLL BW of 2-4 or 2-5MHz, CDR = 10MHz)
0.4
0.6
0.7
ps
(rms)
1,2,3,5
1 Guaranteed by design and characterization, not 100% tested in production.
5 Applies to all differential outputs
Phase Jitter, PLL Mode
tjphPCIeG2
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Calculated from Intel-supplied Clock Jitter Tool


Similar Part No. - 9FGU0431AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0431AKLFT RENESAS-9FGU0431AKLFT Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
More results

Similar Description - 9FGU0431AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com