Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGU0441 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGU0441
Description  4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGU0441 Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGU0441_16 Datasheet HTML 1Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 2Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 3Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 4Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 5Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 6Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 7Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 8Page - Integrated Device Technology 9FGU0441_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
9FGU0441 OCTOBER 18, 2016
1
©2016 Integrated Device Technology, Inc.
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
w/Zo=100ohms
9FGU0441
Description
The 9FGU0441 is a member of IDT's 1.5V Ultra-Low-Power
PCIe clock family with integrated output terminations
providing Zo=100Ω. The device has 4 output enables for
clock management, 2 different spread spectrum levels in
addition to spread off and 2 selectable SMBus addresses.
Recommended Application
1.5V PCIe Gen1-2-3 clock generator
Output Features
4 - 100MHz Low-Power (LP) HCSL DIF pairs
w/Zo=100ohms
1 - 1.5V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF phase jitter is PCIe Gen1-2-3 compliant
REF phase jitter is < 3.0ps RMS
Features/Benefits
Direct connection to 100ohm transmission lines; saves 16
resistors compared to standard PCIe devices
39mW typical power consumption; reduced thermal
concerns
OE# pins; support DIF power management
Programmable Slew rate for each output; allows tuning for
various line lengths
Programmable output amplitude; allows tuning for various
application environments
DIF outputs blocked until PLL is locked; clean system
start-up
Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
3.3V tolerant SMBus interface works with legacy controllers
Space saving 32-pin 5x5 mm VFQFPN; minimal board
space
Block Diagram
XIN/CLKIN_25
X2
CONTROL
LOGIC
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SS Capable PLL
OSC
REF1.5
vOE(3:0)#
SCLK_3.3
vSADR
DIF3
DIF2
DIF1
DIF0


Similar Part No. - 9FGU0441_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0441AKILF RENESAS-9FGU0441AKILF Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441AKILFT RENESAS-9FGU0441AKILFT Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441AKLF RENESAS-9FGU0441AKLF Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441AKLFT RENESAS-9FGU0441AKLFT Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results

Similar Description - 9FGU0441_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
   6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com