Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT2155 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THAT2155
Description  IC Voltage-Controlled Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT2155 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THAT2155 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Theory of Operation
The THAT 2150 Series VCAs are designed for high
performance in audio-frequency applications requiring
exponential gain control, low distortion, wide dynamic
range and low dc bias modulation. These parts control
gain by converting an input current signal to a bipolar
logged voltage, adding a dc control voltage, and re-con-
verting the summed voltage back to a current through
a bipolar antilog circuit.
Figure 6 presents a considerably simplified internal
circuit diagram of the IC. The ac input signal current
flows in pin 1, the input pin. The internal op amp
works to maintain pin 1 at a virtual ground potential
by driving the emitters of Q1 and (through the Voltage
Bias Generator) Q3. For positive input currents (Iin de-
fined as flowing into pin 1), the op amp drives the emit-
ter of Q1 negative, turning off its collector current,
while simultaneously driving the emitter of Q3 nega-
tive, turning it on. The input signal current, therefore,
is forced to flow through Q3 and D3.
Logging & Antilogging
Because the voltage across a base-emitter junction
is logarithmic with collector current, the voltage from
the base of Q3 to the cathode of D3 is proportional to
the log of the positive input current. The voltage at the
cathodes of D3 and D4 is therefore proportional to the
log of the positive input currents plus the voltage at
pin 3, the negative control port. Mathematically,
V3 = EC− − 2VT ln
IC3
IS
,
where V3 is the voltage at the junction of D3 and D4;
VT is the thermal voltage,
kT
q
; IC3 is the collector cur-
rent of Q3; and IS is the reverse-saturation current of
Q3. It is assumed that D3 matches Q3 (and will be as-
sumed that they match Q4 and D4, as well).
In typical applications (see Figure 3, Page 3), pin 4
is connected to a voltage source at ground or nearly
ground potential. Pin 8 is connected to a virtual
ground (usually the inverting input of an op amp with
negative feedback around it). With pin 4 near ground,
and pin 8 at virtual ground, the voltage at the cathodes
of D3 and D4 will cause an exponentially-related cur-
rent to flow in D4 and Q4, and out via pin 8. A similar
equation governs this behavior:
V3 = EC+ − 2VT ln
IC4
IS
.
Exponential Gain Control
The similarity between the two preceeding equations
begs further exploration. Accordingly:
V3 = EC+ − 2VT ln
IC4
IS
= EC− − 2VT ln
IC3
IS
EC+ − EC− = 2VT ln
IC4
IS
− 2VT ln
IC3
IS
= 2VT ln
IC4
IC3
.
Rearranging terms,
IC4
= IC3 e
EC+−EC−
2VT
.
If pin 3 and pin 4 are at ground potential, the cur-
rent in Q4/D4 will precisely mirror that in Q3/D3.
When pin 3 is positive with respect to pin 4, the voltage
across the base-emitter junction of Q3 is higher than
that across the base-emitter junction of Q4, so the
Q4/D4 current remains proportional to, but less than,
the current in Q3/D3. In the same manner, a negative
voltage at pin 3 with respect to pin 4 causes the
Q4/D4 current to be proportional to, but greater than
that in Q3/D3.
The ratio of currents is exponential with the differ-
ence in the voltages EC+ and EC–, providing convenient
“deci-linear” control. Mathematically, this is:
AV =
IC4
IC3
= e
EC+−EC−
2VT
, where AV is the current gain.
For pin 4 at or very near ground, at room tempera-
ture (25˚C), allowing for a 10˚C internal temperature
rise, and converting to a base of 10 for the exponential,
this reduces to:
-
+
Q1
Q4
Q3
Q2
D3
D1
5
4
8
3
1
2
(SYM)
V-
IN
Ec+
Ec+
OUT
Ec-
Generator
Bias
Voltage
D2
D4
V3
Iin
Figure 6. Simplified Internal Circuit Diagram
THAT Corporation; 734 Forest Street; Marlborough, Massachusetts 01752; USA
Tel: (508) 229-2500; Fax: (508) 229-2590; Web: http://www.thatcorp.com
Page 4
2150 Series IC VCAs


Similar Part No. - THAT2155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180B ETC1-THAT2180B Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180C ETC1-THAT2180C Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
THAT2181A ETC1-THAT2181A Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
More results

Similar Description - THAT2155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
   Pre-Trimmed IC Voltage Controlled Amplifiers
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
M-System Co.,Ltd.
20VS5-202 MSYSTEM-20VS5-202 Datasheet
130Kb / 3P
   Hybrid IC Isolation Amplifiers 20 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com