Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T55A476M004C0500 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # T55A476M004C0500
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55A476M004C0500 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button T55A476M004C0500 Datasheet HTML 7Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 8Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 9Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 10Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 11Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 12Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 13Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 14Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
11
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Test conditions per JIS C5101-1
(1) Test time, please refer to table “Standard Ratings”
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION (W) AT
≤ +45 °C IN FREE AIR
J
0.050
P
0.064
A
0.115
T
0.105
B
0.130
V
0.187
D
0.225
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
J
4000
P
3000
A
2000
T
3000
B
2000
V
800
D
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial value
-55 °C
+105 °C
Capacitance change
-
-20 % to 0 %
0 % to 30 %
Dissipation factor
shown in Standard
Ratings table or less
8 to 10
14
-
Leakage current
Refer to
Standard
Ratings
table
-
Not more than
1 CV or 30 μA
which is greater
Surge voltage
105 °C, 1000 successive test cycles in series with
a 1 k
Ω resistor at the rate of 30 s ON,
30 s OFF; test voltage per table below:
Capacitance change Within ± 20 % of initial value
Rated
voltage
2.5 4.0 6.3 7.0 10 12.5 16 20 25 35 50 Dissipation factor
Within initial limit
Surge
voltage
3.2 5.2 8.2 9.0 13 16.2 20 23 29 40 57 Leakage current
Shall not exceed 300 % of initial limit
Solder heat
resistance
Reflow board surface peak temperature:
less than 260 °C
Time: 5 s max.
Capacitance change Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Moisture
resistance
no load
Leave at 60 °C and 90 % RH for 500 h
Capacitance change
VR
≤ 4 V
Relative to the value before test
+50 % to -20 %
VR
≥ 6.3 V
Relative to the value before test
+40 % to -20 %
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
High
temperature
load
105 °C. The rated voltage is applied through a
protective resistor of 3
Ω for 1000 h or 2000 h (1)
Capacitance change Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Thermal shock
Leave at -55 °C, normal temperature, 105 °C,
and normal temperature for 30 min., 15 min.
30 min., and 15 min.
Repeat this operation 5 times running.
Capacitance change Within ± 20 % of initial value or less
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 300 % of initial specified value
Failure rate
105 °C. The rated voltage is applied through
a protective resistor of 1
Ω/V.
1 % / 1000 h


Similar Part No. - T55A476M004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55A476M004C0500 VISHAY-T55A476M004C0500 Datasheet
627Kb / 22P
   vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Revision: 16-Nov-15
More results

Similar Description - T55A476M004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors
T56 VISHAY-T56 Datasheet
624Kb / 17P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T27 VISHAY-T27 Datasheet
686Kb / 19P
   vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com