Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6981DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6981DQ
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6981DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6981DQ_16 Datasheet HTML 1Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 2Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 3Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 4Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 5Page - Vishay Siliconix SI6981DQ_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si6981DQ
Document Number: 72226
S-81221-Rev. B, 02-Jun-08
www.vishay.com
1
Dual P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFETs
APPLICATIONS
Load Switch
Battery Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.031 at VGS = - 4.5 V
- 4.8
0.041 at VGS = - 2.5 V
- 4.2
0.058 at VGS = - 1.8 V
- 3.5
Ordering Information: Si6981DQ-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 4.8
- 4.1
A
TA = 70 °C
- 3.9
- 3.2
Pulsed Drain Current (10 µs Pulse Width)
IDM
- 30
Continuous Source Current (Diode Conduction)a
IS
- 1.0
- 0.7
Maximum Power Dissipationa
TA = 25 °C
PD
1.14
0.83
W
TA = 70 °C
0.73
0.53
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
86
110
°C/W
Steady State
124
150
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
59
75
RoHS
COMPLIANT


Similar Part No. - SI6981DQ_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6981DQ-T1 VISHAY-SI6981DQ-T1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQT-1 VISHAY-SI6981DQT-1 Datasheet
42Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-03
SI6981DQ VISHAY-SI6981DQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6981DQ VISHAY-SI6981DQ_V01 Datasheet
106Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI6981DQ_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com