Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3585DV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI3585DV
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3585DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3585DV Datasheet HTML 1Page - Vishay Siliconix SI3585DV Datasheet HTML 2Page - Vishay Siliconix SI3585DV Datasheet HTML 3Page - Vishay Siliconix SI3585DV Datasheet HTML 4Page - Vishay Siliconix SI3585DV Datasheet HTML 5Page - Vishay Siliconix SI3585DV Datasheet HTML 6Page - Vishay Siliconix SI3585DV Datasheet HTML 7Page - Vishay Siliconix SI3585DV Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 71184
S09-2275-Rev. D, 02-Nov-09
www.vishay.com
3
Vishay Siliconix
Si3585DV
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
2
4
6
8
10
0
1234
5
VGS = 4.5 V thru 3.5 V
1.5 V
VDS - Drain-to-Source Voltage (V)
2.5 V
3 V
2 V
0.0
0.1
0.2
0.3
0.4
0.5
012
34
567
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
0.0
0.9
1.8
2.7
3.6
4.5
0.0
0.5
1.0
1.5
2.0
2.5
VDS = 10 V
ID = 2.4 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TC = - 55 °C
125 °C
VGS - Gate-to-Source Voltage (V)
25 °C
0
50
100
150
200
250
300
04
8
12
16
20
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 2.4 A
TJ - Junction T emperature (°C)


Similar Part No. - SI3585DV

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3585DV VISHAY-SI3585DV Datasheet
132Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3585DV-T1-E3 VBSEMI-SI3585DV-T1-E3 Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
SI3585DV-T1-GE3 VBSEMI-SI3585DV-T1-GE3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Vishay Siliconix
SI3585DV VISHAY-SI3585DV_V01 Datasheet
132Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3585DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com