Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8802-1-V-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8802-1-V-A
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802-1-V-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS8802-1-V-A Datasheet HTML 2Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 3Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 4Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 5Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 6Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 7Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 8Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 9Page - California Eastern Labs PS8802-1-V-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PS8802-1,-2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
μA
Forward Voltage
Temperature Coefficient
ΔVF/ΔTA IF = 16 mA
−2.1
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
10
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 30 V
100
μA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IOL = 1.2 mA
0.1
0.4
V
High Level Supply Current
(PS8802-1)
ICCH
IF = 0 mA, VO = open, VCC = 30 V
0.1
2
μA
High Level Supply Current
(PS8802-2)
0.2
4
Low Level Supply Current
(PS8802-1)
ICCL
IF = 16 mA, VO = open, VCC = 30 V
100
Low Level Supply Current
(PS8802-2)
200
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
25
45
%
Input-Output
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Ω
Insulation Resistance
(Input-Input), (PS8802-2)
RI-I
VI-I = 1 kVDC, RH = 40 to 60%
10
10
Input-Output
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.6
pF
Insulation Capacitance
(Input-Input), (PS8802-2)
CI-I
0.3
Propagation Delay Time
(H
→ L)*1
tPHL
IF = 16 mA, VCC = 5 V, RL = 2.2 k
Ω,
CL = 15 pF
0.3
0.8
μs
Propagation Delay Time
(L
→ H)*1
tPLH
0.6
1.2
Common Mode
Transient Immunity at
High Level Output
*2
CMH
IF = 0 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
15
kV/
μs
Common Mode
Transient Immunity at
Low Level Output
*2
CML
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
−15
Data Sheet PN10418EJ07V0DS
6


Similar Part No. - PS8802-1-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8802-1-V-A CEL-PS8802-1-V-A Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1-V-A CEL-PS8802-1-V-A Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1-V-AX CEL-PS8802-1-V-AX Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8802-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com