Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2832-1-V-F4 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2832-1-V-F4
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2832-1-V-F4 Datasheet(HTML) 5 Page - California Eastern Labs

  PS2832-1-V-F4 Datasheet HTML 1Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 2Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 3Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 4Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 5Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 6Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 7Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 8Page - California Eastern Labs PS2832-1-V-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS2832-1,-4,PS2833-1,-4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2832-1
PS2833-1
PS2832-4
PS2833-4
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
0.6
0.8
mW/
°C
Power Dissipation
PD
60
80
mW/ch
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
300
350
300
350
V
Emitter to Collector Voltage
VECO
0.3
V
Collector Current
IC
60
mA/ch
Power Dissipation Derating
PC/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW/ch
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10257EJ01V0DS
5


Similar Part No. - PS2832-1-V-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2832-1-V-F4 NEC-PS2832-1-V-F4 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1-V-F4 RENESAS-PS2832-1-V-F4 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2832-1-V-F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com