Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805A-1-V-F3 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2805A-1-V-F3
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2805A-1-V-F3 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2805A-1-V-F3 Datasheet HTML 2Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 3Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 4Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 9Page - California Eastern Labs PS2805A-1-V-F3 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
0˚C
–25˚C
–55˚C
+60˚C
+25˚C
TA = +100˚C
30
10
20
02
46
8
1 mA
15
5
10
2 mA
5 mA
IF = 10 mA
0.05
100
80
40
20
0
25
50
75
100
125
60
PS2805A-4
PS2805A-1
0.8 mW/˚C
0.6 mW/˚C
200
160
80
40
0
25
50
75
100
125
PS2805A-1
PS2805A-4
1.2 mW/˚C
120
25
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
10 000
1 000
100
10
1
0
25
50
75
100
VCE = 24 V
VCE = 70 V
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
IF = 10 mA
5 mA
2 mA
1 mA
Remark The graphs indicate nominal characteristics.
Data Sheet PN10399EJ02V0DS
6
PS2805A-1,PS2805A-4


Similar Part No. - PS2805A-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805A-1-V-F3 RENESAS-PS2805A-1-V-F3 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805A-1-V-F3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com