Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2164X3-EVAL Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2164X3-EVAL
Description  Dual-Band Wireless DPDT RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2164X3-EVAL Datasheet(HTML) 2 Page - California Eastern Labs

  CG2164X3-EVAL Datasheet HTML 1Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 2Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 3Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 4Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 5Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 6Page - California Eastern Labs CG2164X3-EVAL Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CG2164X3
This document is subject to change without notice.
2
PRELIMINARY DATASHEET
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
ANT1-TX
ANT1-RX
ANT2-TX
ANT2-RX
High
Low
OFF
ON
ON
OFF
Low
High
ON
OFF
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0
Note 1
V
Input Power
Pin
+33.0
Note 2
dBm
Operating Ambient Temperature
TA
-45~+85
°C
Storage Temperature
Tstg
-55~+150
°C
Note
1. |VC1 - VC2|
≦6.0V
2. 3.0V
≦|VC1 – VC2|≦5.0V
RECOMMENDED OPERATING RANGE
(TA = +25°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
0.05
-
6.0
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V
1
2
3
6
5
4
(Top View)
1
2
3
6
5
4
(Top View)
Pin No.
Pin Name
1
ANT2
2
VC2
3
RX
4
TX
5
VC1
6
ANT1
Remark Exposed pad : GND
(Bottom View)
6
5
4
1
2
3


Similar Part No. - CG2164X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2164X3-EVAL CEL-CG2164X3-EVAL Datasheet
769Kb / 8P
   Dual-Band Wireless DPDT RF Switch
More results

Similar Description - CG2164X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2164X3 CEL-CG2164X3_16 Datasheet
769Kb / 8P
   Dual-Band Wireless DPDT RF Switch
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2164T5N NEC-UPG2164T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com