Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE3512K2 Datasheet(PDF) 7 Page - California Eastern Labs

Part # CE3512K2
Description  12 GHz Super Low Noise FET in Hollow Plastic PKG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CE3512K2 Datasheet(HTML) 7 Page - California Eastern Labs

  CE3512K2 Datasheet HTML 1Page - California Eastern Labs CE3512K2 Datasheet HTML 2Page - California Eastern Labs CE3512K2 Datasheet HTML 3Page - California Eastern Labs CE3512K2 Datasheet HTML 4Page - California Eastern Labs CE3512K2 Datasheet HTML 5Page - California Eastern Labs CE3512K2 Datasheet HTML 6Page - California Eastern Labs CE3512K2 Datasheet HTML 7Page - California Eastern Labs CE3512K2 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CE3512K2
This document is subject to change without notice.
7
[CAUTION]
All information included in this document is current as of the date this document is issued. Such information,
however, is subject to change without any prior notice.
You should not alter, modify, copy, or otherwise misappropriate any CEL product, whether in whole or in part.
CEL does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of
third parties by or arising from the use of CEL products or technical information described in this document. No
license, expressed, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual
property rights of CEL or others.
Descriptions of circuits, software and other related information in this document are provided only to illustrate the
operation of semiconductor products and application examples. You are fully responsible for the incorporation of
these circuits, software, and information in the design of your equipment. CEL assumes no responsibility for any
losses incurred by you or third parties arising from the use of these circuits, software, or information.
CEL has used reasonable care in preparing the information included in this document, but CEL does not warrant
that such information is error free. CEL assumes no liability whatsoever for any damages incurred by you resulting
from errors in or omissions from the information included herein.
Although CEL endeavors to improve the quality and reliability of its products, semiconductor products have specific
characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions.
Please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or
damage caused by fire in the event of the failure of a CEL product, such as safety design for hardware and software
including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging
degradation or any other appropriate measures
Because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final
products or system manufactured by you.
Please use CEL products in compliance with all applicable laws and regulations that regulate the inclusion or use of
controlled substances, including without limitation, the EU RoHS Directive.
CEL assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and
regulations.
This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent
of CEL.
Please contact CEL if you have any questions regarding the information contained in this document or CEL
products, or if you have any other inquiries.


Similar Part No. - CE3512K2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CE3514M4 CEL-CE3514M4 Datasheet
746Kb / 8P
   12GHz Low Noise FET in Dual Mold Plastic PKG
CE3514M4-C2 CEL-CE3514M4-C2 Datasheet
746Kb / 8P
   12GHz Low Noise FET in Dual Mold Plastic PKG
More results

Similar Description - CE3512K2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CE3520K3 CEL-CE3520K3 Datasheet
748Kb / 8P
   20 GHz Super Low Noise FET in Hollow Plastic PKG
CE3524K3 CEL-CE3524K3 Datasheet
812Kb / 8P
   24GHz Super Low Noise FET in Hollow Plastic PKG
CE3521M4 CEL-CE3521M4 Datasheet
762Kb / 8P
   20 GHz Low Noise FET in Dual Mold Plastic PKG
CE3514M4 CEL-CE3514M4 Datasheet
746Kb / 8P
   12GHz Low Noise FET in Dual Mold Plastic PKG
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
logo
SIRENZA MICRODEVICES
SPF-2086T SIRENZA-SPF-2086T Datasheet
583Kb / 5P
   Low Noise pHEMT GaAs FET 0.1 - 12 GHz Operation
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com