Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF150_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF150_SERIES
Description  Universal Input: 100-240 VAC (Up to 277 VAC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF150_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF150_SERIES Datasheet HTML 1Page - Arch Electronics Corp. ALF150_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_0
update : 2010.04.06
LED Power
ALF150 SERIES
150 Watts
Model No.
ALF150-12S
ALF150-24S
ALF150-36S
ALF150-48S
Dimension (L x W x H)
8.35 x 2.76 x 1.50 Inches
(212.2 x 70.0 x 38.0 mm ) Tolerance
±0.5 mm
Weight
1010 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
Design refer to UL60950-1 , CE
EMI
(Conducted & Radiated Emission)
Design refer to EN 61000-6-3、EN 55015
EMC
EMS (Noise Immunity)
Design refer to EN 55024 (Surge 4KV)
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - ALF150_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150-12S ARCH-ALF150-12S Datasheet
332Kb / 5P
   LED Power
ALF150-12S ARCH-ALF150-12S Datasheet
269Kb / 6P
   LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
332Kb / 5P
   LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
269Kb / 6P
   LED Power
ALF150-36 ARCH-ALF150-36 Datasheet
269Kb / 6P
   LED Power
More results

Similar Description - ALF150_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSLD035-7A ETC2-RSLD035-7A Datasheet
1Mb / 5P
   Wide Range Input: 120, 240, or 277 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
logo
Power-One
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
   Universal input 85 - 265 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com