Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS9822BS7P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS9822BS7P
Description  Non-isolated Buck High Precision Three-stage Dimming LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9822BS7P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WS9822BS7P Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 9Page - List of Unclassifed Manufacturers WS9822BS7P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/11
WS9822B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Function Description
The WS9822B is a three-stage dimming constant
current LED driver with high precision and is applied to
non-isolated buck LED power system. The WS9822B
integrates a switcher dimming circuit and can change the
output current through shifting external switcher ON/OFF to
perform the dimming function.
The WS9822B is compatible the PCB board with
mainstream non-dimming products in the markets, such as
WS3442, thus it can achieve the seamless upgrades from
non-dimming to ON/OFF dimming.
Switcher Dimming Control
The switcher is opened first and closed again when the
dimming is required, and the output current changes in
accordance with the presetted current. The switching time
should be more than 500mS. The dimming current cyclically
varies in the sequence of 100% to 40% to15%. The reset
time is 5S. So it is a normal dimming if the time interval of the
switch from turn-off to turn-on is less than 5s; otherwise it will
be considered as a reset signal. The output current reaches
up to 100% after the switch is on again whatever the output
stage of the preceding current is.
Start Up
The VCC capacitor will be charged through the start-up
resistor when the system is powered on. When the VCC pin
voltage reaches the turn on threshold, the internal circuits
start operating. The WS9822B integrates the 16V ZENER for
clamping the VCC.
The typical value of the start-up current is 130uA (the
maximum value is 195 uA). For the application of 176VAC—
264VAC, the start-up resistor can be calculated by the
equation
1):
_ min
_ max
1.414 176
1.414
1.27M
195
in
st
st
V
V
R
I
uA
(1)
The start-up resistor can be chosen from 720K Ω to
1.2MΩ. Two resistors in 1206 size SMD or 1/4W metal film
resistors can be used in series.
Due to the ultra-low operating current, the auxiliary
winding is not needed to supply the IC.
VCC Capacitor Selection
The Vcc capacitor is used to bypass noise to IC, so that
to assure its stable operation, and should be as close as
possible to the chip.
A 4.7uF/25V electrolytic capacitor can be used to Vcc Pin.
If selecting MLCC, the material of X7R will be used to satisfy
the stability of the capacity under high temperature. Due to
external damage resulted from small volume and brittle texture
of MLCC, it is easy to cause Vcc currents leakage, which will
make the WS9822B unable to start. Strict control measures
are taken in the layout and productive process.
In order to avoid the return flickering and the disorder time,
the Vcc capacitor should be in parallel with discharge resistor,
which value should be chosen from 150KΩ to 240KΩ.
Constant Current Control
Utilizing
proprietary
current
control
method,
the
WS9822B can achieve precise LED output current with a few
external components. Cycle by Cycle current sense is adopted
in WS9822B, the CS pin is connected to the current sense
comparator, and the voltage on CS pin is compared with the
internal 400mV reference voltage. The MOSFET will be
switched off when the voltage on CS pin reaches the threshold.
The CS comparator includes a 350ns leading edge blanking
time.
The peak inductor current is calculated by the equation
2):
)
(
4
.
0
mA
R
I
cs
PK
2)
Where, RCS is the current sense resistor value.
The current in LED can be calculated by the equation
3):
)
(
2
mA
I
I
PK
LED
3)
Where, IPK is the peak current of the inductor.
Freewheeling Diode
The diode will b
ear the reverse voltage equal to the
input voltage when the MOSFET is on. A 600V diode was


Similar Part No. - WS9822BS7P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9822BS7P WINSEMI-WS9822BS7P Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results

Similar Description - WS9822BS7P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Tianyuan Semic...
TP8621 TPOWER-TP8621 Datasheet
648Kb / 7P
   Three-stage switch dimming high power factor non-isolated buck LED driver chip
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
   High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
   High Precision Non-Isolated Buck LED Driver
SIC9952 SISEMIC-SIC9952 Datasheet
798Kb / 11P
   Non-Isolated Buck Sections Switch Dimming LED Driver
SIC9732 SISEMIC-SIC9732 Datasheet
888Kb / 8P
   High Precision Non-Isolated Buck APFC LED Driver
SIC9701 SISEMIC-SIC9701 Datasheet
668Kb / 8P
   High Precision Non-Isolated Buck APFC LED Driver
SIC9702 SISEMIC-SIC9702 Datasheet
339Kb / 7P
   High Precision Non-Isolated Buck APFC LED Driver
logo
Shenzhen Huazhimei Semi...
HM2730 HMSEMI-HM2730 Datasheet
1Mb / 18P
   High precision non-isolated buck driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com