Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMJ107BB7104KAHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # GMJ107BB7104KAHT
Description  Soft Termination MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

GMJ107BB7104KAHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  GMJ107BB7104KAHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc GMJ107BB7104KAHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
15U1A10
RoHS compliance product
○GMJ107BB7104KAHT
35V 1608 X7R 0.1uF +/- 10% t=1.0mmMAX
35V 0603 X7R 0.1uF +/- 10% t=0.039inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.01
0.1
1
10
100
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
GMJ107BB7104KAHT
Ca pa cita nce Freq.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
5
10
15
20
25
30
35
DC Bia s Volta ge[V]
GMJ107BB7104KAHT
DC Bia s Cha r.
0.001
0.01
0.1
1
10
100
1000
10000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
GMJ107BB7104KAHT
Impeda nce,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
GMJ107BB7104KAHT
Ca pa cita nce Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
Ripple Current[Arms]
GMJ107BB7104KAHT
Ripple Current
10kHz
100kHz
1MHz


Similar Part No. - GMJ107BB7104KAHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMJ107BB7104KA8T TAIYO-YUDEN-GMJ107BB7104KA8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - GMJ107BB7104KAHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7224KGHT TAIYO-YUDEN-HMJ212BB7224KGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ212KB7102MDHT TAIYO-YUDEN-HMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ316BB7106KLHT TAIYO-YUDEN-EMJ316BB7106KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226KMHT TAIYO-YUDEN-EMJ325KB7226KMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226MMHT TAIYO-YUDEN-EMJ325KB7226MMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316AB7225KLHT TAIYO-YUDEN-GMJ316AB7225KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316BB7106MLHT TAIYO-YUDEN-GMJ316BB7106MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104KLHT TAIYO-YUDEN-HMJ316BB7104KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7105KLHT TAIYO-YUDEN-HMJ316BB7105KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7224KLHT TAIYO-YUDEN-HMJ316BB7224KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
TMJ316BB7475KLHT TAIYO-YUDEN-TMJ316BB7475KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com