Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72734 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 3Page - STMicroelectronics ST72734 Datasheet HTML 4Page - STMicroelectronics ST72734 Datasheet HTML 5Page - STMicroelectronics ST72734 Datasheet HTML 6Page - STMicroelectronics ST72734 Datasheet HTML 7Page - STMicroelectronics ST72734 Datasheet HTML 8Page - STMicroelectronics ST72734 Datasheet HTML 9Page - STMicroelectronics ST72734 Datasheet HTML 10Page - STMicroelectronics ST72734 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
ST72774/ST727754/ST72734
7/144
1.2 PIN DESCRIPTION
Figure 2. 44-pin TQFP and 42-Pin SDIP Package Pinouts
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
AIN1 / PB5
AIN0 / PB4
NC
VDD
USBVCC
USBDM
USBDP
PWM7 / PC6
PWM8 / PC7
PWM2 / AIN3 / PB7
PWM1 / AIN2 / PB6
OSCIN
OSCOUT
PA7 / BLANKOUT
PB3 / SDAI
PB2 / SCLI
PB1 / SDAD
NC
PA3
PA4
PA5
PA6
38
37
36
35
34
33
32
31
30
29
28
27
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
39
40
41
42
HSYNCDIV / PC0
AV / PC1
USBDP
USBDM
USBVCC
VDD
AIN0 / PB4
AIN1 / PB5
PWM1 / AIN2 / PB6
PWM7 / PC6
PWM6 / PC5
PWM5 / PC4
PWM4 / PC3
PWM3 / PC2
PWM2 / AIN3 / PB7
PWM8 / PC7
PA0 / OCMP1
TEST / VPP
PB0 / SCLD
PB1 / SDAD
PB2 / SCLI
PB3 / SDAI
PA7 / BLANKOUT
OSCOUT
OSCIN
PA4
PA3
PA2/VSYNCI2
PA1
RESET
PA5
PA6
21
20
17
18
19
HSYNCO / PD1
VSYNCO / PD0
VSYNCI
HSYNCI
VSS
26
25
24
23
22
PD2 / CSYNCI
PD3 / ITA / VFBACK
PD4 / ITB
PD5 / HFBACK
PD6 / CLAMPOUT
NC = Not connected
3


Similar Part No. - ST72734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7271 STMICROELECTRONICS-ST7271 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
ST7271J1 STMICROELECTRONICS-ST7271J1 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
ST7271N1 STMICROELECTRONICS-ST7271N1 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
ST7271N3 STMICROELECTRONICS-ST7271N3 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
ST7271N5 STMICROELECTRONICS-ST7271N5 Datasheet
3Mb / 84P
   8-BIT HCMOS MCUs WITH EEPROM AND TV/MONITOR DEDICATED FUNCTIONS
December 1993
More results

Similar Description - ST72734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
April 1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
   8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
   8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
   8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
April 1998
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
   8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May 1996
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com