Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP7312-IR-C Datasheet(PDF) 10 Page - Cirrus Logic

Part # EP7312-IR-C
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312-IR-C Datasheet(HTML) 10 Page - Cirrus Logic

Back Button EP7312-IR-C Datasheet HTML 6Page - Cirrus Logic EP7312-IR-C Datasheet HTML 7Page - Cirrus Logic EP7312-IR-C Datasheet HTML 8Page - Cirrus Logic EP7312-IR-C Datasheet HTML 9Page - Cirrus Logic EP7312-IR-C Datasheet HTML 10Page - Cirrus Logic EP7312-IR-C Datasheet HTML 11Page - Cirrus Logic EP7312-IR-C Datasheet HTML 12Page - Cirrus Logic EP7312-IR-C Datasheet HTML 13Page - Cirrus Logic EP7312-IR-C Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
DS506PP1
EP7311
High-Performance, Low-Power System on Chip
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
All characteristics are specified at VDDCORE =2.5 V, VDDIO =3.3 V and VSS = 0 V over an operating temperature of 0°C
to +70°C for all frequencies of operation. The current consumption figures have test conditions specified per
parameter.”
DC Core, PLL, and RTC Supply Voltage
2.9 V
DC I/O Supply Voltage (Pad Ring)
3.6 V
DC Pad Input Current
±10 mA/pin; ±100 mA cumulative
Storage Temperature, No Power
–40
°C to +125°C
DC core, PLL, and RTC Supply Voltage
2.5 V
± 0.2 V
DC I/O Supply Voltage (Pad Ring)
2.3 V - 3.5 V
DC Input / Output Voltage
O–I/O supply voltage
Operating Temperature
Extended -20
°C to +70°C; Commercial 0°C to +70°C;
Industrial -40
°C to +85°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIH
CMOS input high voltage
0.65
× VDDIO
-
VDDIO + 0.3
V
VDDIO = 2.5 V
VIL
CMOS input low voltage
VSS − 0.3
-
0.25
× V
DDIO
V
VDDIO = 2.5 V
VT+
Schmitt trigger positive going
threshold
--
2.1
V
VT-
Schmitt trigger negative going
threshold
0.8
-
-
V
Vhst
Schmitt trigger hysteresis
0.1
-
0.4
V
VIL to VIH
VOH
CMOS output high voltagea
Output drive 1
a
Output drive 2a
VDD – 0.2
2.5
2.5
-
-
-
-
-
-
V
V
V
IOH = 0.1 mA
IOH = 4 mA
IOH = 12 mA
VOL
CMOS output low voltagea
Output drive 1a
Output drive 2
a
-
-
-
-
-
-
0.3
0.5
0.5
V
V
V
IOL = –0.1 mA
IOL = –4mA
IOL = –12 mA
IIN
Input leakage current
-
-
1.0
µA
VIN = VDD or GND
IOZ
Bidirectional 3-state leakage
currentb c
25
-
100
µA
VOUT = VDD or GND
CIN
Input capacitance
8
-
10.0
pF


Similar Part No. - EP7312-IR-C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312-IR-90 CIRRUS-EP7312-IR-90 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7312-IR-90 CIRRUS-EP7312-IR-90 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
More results

Similar Description - EP7312-IR-C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com