Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD20P06LG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD20P06LG
Description  Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD20P06LG Datasheet(HTML) 1 Page - ON Semiconductor

  NTD20P06LG Datasheet HTML 1Page - ON Semiconductor NTD20P06LG Datasheet HTML 2Page - ON Semiconductor NTD20P06LG Datasheet HTML 3Page - ON Semiconductor NTD20P06LG Datasheet HTML 4Page - ON Semiconductor NTD20P06LG Datasheet HTML 5Page - ON Semiconductor NTD20P06LG Datasheet HTML 6Page - ON Semiconductor NTD20P06LG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 6
1
Publication Order Number:
NTD20P06L/D
NTD20P06L, NTDV20P06L
Power MOSFET
−60 V, −15.5 A, Single P−Channel, DPAK
Features
Withstands High Energy in Avalanche and Commutation Modes
Low Gate Charge for Fast Switching
AEC Q101 Qualified − NTDV20P06L
These Devices are Pb−Free and are RoHS Compliant
Applications
Bridge Circuits
Power Supplies, Power Motor Controls
DC−DC Conversion
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
V
Gate−to−Source
Voltage
Continuous
VGS
$20
V
Non−Repetitive tp v10 ms
VGSM
$30
Continuous
Drain Current
(Note 1)
Steady State
TA = 25°C
ID
−15.5
A
Power Dissipa-
tion (Note 1)
Steady State
TA = 25°C
PD
65
W
Pulsed Drain
Current
tp = 10 ms
IDM
$50
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 25 V, VGS = 5 V, IPK = 15 A,
L = 2.7 mH, RG = 25 W)
EAS
304
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain)
RqJC
2.3
°C/W
Junction−to−Ambient – Steady State (Note 1)
RqJA
80
Junction−to−Ambient – Steady State (Note 2)
RqJA
110
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 in sq. pad size
(Cu area = 1.127 in sq. [1 oz] including traces)
2. Surface−mounted on FR4 board using the minimum recommended pad size
(Cu area = 0.412 in sq.)
P−Channel
D
S
G
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369C
STYLE 2
MARKING DIAGRAMS
20P06L
Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1 2
3
4
1
Gate
3
Source
2
Drain
4
Drain
IPAK/DPAK
CASE 369D
STYLE 2
1
2
3
4
−60 V
130 mW @ −5.0 V
ID MAX
(Note 1)
V(BR)DSS
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
RDS(on) TYP
−15.5 A
http://onsemi.com


Similar Part No. - NTD20P06LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20P06LG ONSEMI-NTD20P06LG Datasheet
93Kb / 7P
   Power MOSFET
October, 2016 ??Rev. 7
logo
VBsemi Electronics Co.,...
NTD20P06LG VBSEMI-NTD20P06LG Datasheet
985Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTD20P06LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
124Kb / 8P
   ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
   Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
   Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com