Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA028N08N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPA028N08N3G
Description  OptiMOS(TM)3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA028N08N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPA028N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPA028N08N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPA028N08N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
10700
14200 pF
Output capacitance
C oss
-
2890
3840
Reverse transfer capacitance
C rss
-
100
-
Turn-on delay time
t d(on)
-
30
-
ns
Rise time
t r
-
59
-
Turn-off delay time
t d(off)
-
77
-
Fall time
t f
-
26
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
50
-
nC
Gate to drain charge
Q gd
-
30
-
Switching charge
Q sw
-
50
-
Gate charge total
Q g
-
155
206
Gate plateau voltage
V plateau
-
4.6
-
V
Output charge
Q oss
V DD=40 V, V GS=0 V
-
210
279
nC
Reverse Diode
Diode continous forward current
I S
-
-
89
A
Diode pulse current
I S,pulse
-
-
356
Diode forward voltage
V SD
V GS=0 V, I F=89 A,
T j=25 °C
-
0.9
1.2
V
Reverse recovery time
t rr
-
78
-
ns
Reverse recovery charge
Q rr
-
181
-
nC
5) See figure 16 for gate charge parameter definition
V R=40 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=40 V,
f =1 MHz
V DD=40 V, V GS=10 V,
I D=89 A, R G,ext=1.6 W
V DD=40 V, I D=89 A,
V GS=0 to 10 V
Rev. 2.1
page 3
2013-08-26


Similar Part No. - IPA028N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
More results

Similar Description - IPA028N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD250N06N3G INFINEON-IPD250N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-26
IPU103N08N3G INFINEON-IPU103N08N3G Datasheet
300Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.11 2010-05-18
IPA028N08N3G INFINEON-IPA028N08N3G Datasheet
288Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2009-02-23
IPD096N08N3G INFINEON-IPD096N08N3G Datasheet
212Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.1 2008-10-20
IPD031N06L3G INFINEON-IPD031N06L3G Datasheet
221Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
IPA057N08N3G INFINEON-IPA057N08N3G Datasheet
286Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-20
IPA100N08N3G INFINEON-IPA100N08N3G Datasheet
285Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-21
IPD053N06N3G INFINEON-IPD053N06N3G Datasheet
312Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev.2.0 2008-11-25
IPD088N06N3G INFINEON-IPD088N06N3G Datasheet
309Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-11-26
IPD079N06L3G INFINEON-IPD079N06L3G Datasheet
220Kb / 9P
   OptiMOS(TM)3 Power-Transistor
Rev. 2.0 2008-12-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com