Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA030N10N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPA030N10N3G
Description  OptiMOSTM3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA030N10N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPA030N10N3G_13 Datasheet HTML 1Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 2Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 3Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 4Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 5Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 6Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 7Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 8Page - Infineon Technologies AG IPA030N10N3G_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPA030N10N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.7
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=270 µA
2
2.7
3.5
Zero gate voltage drain current
I DSS
V DS=100 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=100 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=79 A
-
2.6
3
m
W
V GS=6 V, I D=40 A
-
3
4.8
Gate resistance
R G
-
1.9
-
W
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=79 A
86
171
-
S
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 2.2
page 2
2013-08-27


Similar Part No. - IPA030N10N3G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA030N10N3G INFINEON-IPA030N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
4. September 2015
More results

Similar Description - IPA030N10N3G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com