Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA50R190CE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPA50R190CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R190CE Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPA50R190CE_16 Datasheet HTML 1Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 2Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 3Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 4Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 5Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 6Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 7Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 8Page - Infineon Technologies AG IPA50R190CE_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
500VCoolMOSªCEPowerTransistor
IPA50R190CE
Rev.2.4,2016-07-12
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
24.8
15.7
A
TC = 25°C
TC = 100°C
Pulsed drain current
2)
ID,pulse
-
-
63
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
339
mJ
ID =7.7A; VDD = 50V
Avalanche energy, repetitive
EAR
-
-
0.51
mJ
ID =7.7A; VDD = 50V
Avalanche current, repetitive
IAR
-
-
7.7
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...400V
Gate source voltage
VGS
-20
-30
-
-
20
30
V
static;
AC (f>1 Hz)
Power dissipation (Full PAK)
Ptot
-
-
32
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-40
-
150
°C
-
Mounting torque
-
-
-
50
Ncm
M2.5 screws
Continuous diode forward current
IS
-
-
8.1
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
63.0
A
TC = 25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C,
tcond<2
µs
Maximum diode commutation speed
3)
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C,
tcond<2
µs
Insulation withstand voltage for
TO-220FP
VISO
-
-
2500
V
Vrms,TC=25°C,t=1min
2Thermalcharacteristics
Table3ThermalcharacteristicsTO-220FullPAK
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
3.9
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
80
°C/W leaded
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s
1) Limited by Tj max <150°C, Maximum Duty Cycle D = 0.5, TO220 equivalent
2) Pulse width tp limited by Tj,max
3)VDClink=400V;VDS,peak<V(BR)DSS;identicallowsideandhighsideswitchwithidenticalRG


Similar Part No. - IPA50R190CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R190CE INFINEON-IPA50R190CE_15 Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2
More results

Similar Description - IPA50R190CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com