Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA50R380CE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPA50R380CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R380CE Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPA50R380CE_16 Datasheet HTML 1Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 2Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 3Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 4Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 5Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 6Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 7Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 8Page - Infineon Technologies AG IPA50R380CE_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
500VCoolMOSªCEPowerTransistor
IPA50R380CE
Rev.2.4,2016-07-12
Final Data Sheet
3Electricalcharacteristics
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
500
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
V(GS)th
2.50
3
3.50
V
VDS=VGS,ID=0.26mA
Zero gate voltage drain current
IDSS
-
-
-
10
1
-
µA
VDS=500V,VGS=0V,Tj=25°C
VDS=500V,VGS=0V,Tj=150°C
Gate-source leakage curent
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.34
0.89
0.38
-
VGS=13V,ID=3.2A,Tj=25°C
VGS=13V,ID=3.2A,Tj=150°C
Gate resistance
RG
-
3
-
f=1MHz,opendrain
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
584
-
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
-
40
-
pF
VGS=0V,VDS=100V,f=1MHz
Effective output capacitance, energy
related
1)
Co(er)
-
32
-
pF
VGS=0V,VDS=0...400V
Effective output capacitance, time
related
2)
Co(tr)
-
133
-
pF
ID=constant,VGS=0V,VDS=0...400V
Turn-on delay time
td(on)
-
7.2
-
ns
VDD=400V,VGS=13V,ID=3.9A,
RG=3.4
Rise time
tr
-
5.6
-
ns
VDD=400V,VGS=13V,ID=3.9A,
RG=3.4
Turn-off delay time
td(off)
-
35
-
ns
VDD=400V,VGS=13V,ID=3.9A,
RG=3.4
Fall time
tf
-
8.6
-
ns
VDD=400V,VGS=13V,ID=3.9A,
RG=3.4
Table6Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
3.1
-
nC
VDD=400V,ID=3.9A,VGS=0to10V
Gate to drain charge
Qgd
-
13.1
-
nC
VDD=400V,ID=3.9A,VGS=0to10V
Gate charge total
Qg
-
24.8
-
nC
VDD=400V,ID=3.9A,VGS=0to10V
Gate plateau voltage
Vplateau
-
5.3
-
V
VDD=400V,ID=3.9A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to400V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to400V


Similar Part No. - IPA50R380CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
More results

Similar Description - IPA50R380CE_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com