Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VALT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ27VALT1
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VALT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ27VALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ27VALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBZ5V6ALT1 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
MMBZ5V6ALT1 thru MMBZ10VALT1
@ TL ≤ 25°C
MMBZ12VALT1 thru MMBZ33VALT1
Ppk
24
40
Watts
Total Power Dissipation on FR−5 Board (Note 2) @ TA = 25°C
Derate above 25
°C
°PD°
225
1.8
°mW°
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 3) @ TA = 25°C
Derate above 25
°C
°PD°
300
2.4
°mW
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Non−repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 6.
2. FR−5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in, 99.5% alumina.
*Other voltages may be available upon request.
ORDERING INFORMATION
Device
Package
Shipping
MMBZ5V6ALT1
SOT−23
3000 Tape & Reel
MMBZ5V6ALT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
MMBZ5V6ALT3
SOT−23
10,000 Tape & Reel
MMBZ5V6ALT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
MMBZ6VxALT1
SOT−23
3000 Tape & Reel
MMBZ6VxALT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
MMBZ6VxALT3
SOT−23
10,000 Tape & Reel
MMBZ6VxALT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
MMBZ9V1ALT1
SOT−23
3000 Tape & Reel
MMBZ9V1ALT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
MMBZ9V1ALT3
SOT−23
10,000 Tape & Reel
MMBZ9V1ALT13G
SOT−23
(Pb−Free)
10,000 Tape & Reel
MMBZxxVALT1
SOT−23
3000 Tape & Reel
MMBZxxVALT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
MMBZxxVALT3
SOT−23
10,000 Tape & Reel
MMBZxxVALT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MMBZ27VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ27VALT1G ONSEMI-MMBZ27VALT1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ27VALT1G ONSEMI-MMBZ27VALT1G Datasheet
148Kb / 8P
   Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
MMBZ27VALT1G ONSEMI-MMBZ27VALT1G Datasheet
338Kb / 11P
   GreenBridge 2 Series of High-Efficiency Bridge Rectifiers
June, 2020 ??Rev. 2
logo
TECH PUBLIC Electronics...
MMBZ27VALT1G TECHPUBLIC-MMBZ27VALT1G Datasheet
996Kb / 4P
   Dual Common Anode zeners for ESD Protection
logo
Guangdong Youtai Semico...
MMBZ27VALT1G UMW-MMBZ27VALT1G Datasheet
546Kb / 5P
   Common Anode Zeners for ESD Protection
More results

Similar Description - MMBZ27VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com