Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP60R600E6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP60R600E6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R600E6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP60R600E6 Datasheet HTML 1Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 2Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 3Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 4Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 5Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 6Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 7Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 8Page - Infineon Technologies AG IPP60R600E6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
600V CoolMOS" E6 Power Transistor
IPx60R600E6
Maximum ratings
FinalData Sheet
4
Rev. 2.0, 2010-04-12
2
Maximum ratings
at Tj = 25 °C, unless otherwise specified.
Table 2
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous drain current1)
1) Limited by T
j,max. Maximum duty cycle D=0.75
I
D
-
-
7.3
A
T
C= 25 °C
4.6
T
C= 100°C
Pulsed drain current2)
2) Pulse width tp limited by Tj,max
I
D,pulse
-
-
19
A
T
C=25 °C
Avalanche energy, single pulse
E
AS
-
-
133
mJ
I
D=1.3 A,VDD=50 V
(see table 21)
Avalanche energy, repetitive
E
AR
-
-
0.2
I
D=1.3 A,VDD=50 V
Avalanche current, repetitive
I
AR
-
-
1.3
A
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
V
DS=0...480 V
Gate source voltage
V
GS
-20
-
20
V
static
-30
30
AC (f>1 Hz)
Power dissipation for
TO-220, TO-252
P
tot
-
-
63
W
T
C=25 °C
Power dissipation for
TO-220 FullPAK
P
tot
-
-
28
W
T
C=25 °C
Operating and storage temperature
T
j,Tstg
-55
-
150
°C
Mounting torque
TO-220
-
-
60
Ncm
M3 and M3.5 screws
Mounting torque
TO-220 FullPAK
50
M2.5 screws
Continuous diode forward current
I
S
-
-
6.3
A
T
C=25 °C
Diode pulse current2)
I
S,pulse
-
-
19
A
T
C=25 °C
Reverse diode dv/dt3)
3) Identical low side and high side switch with identical RG
dv/dt
-
-
15
V/ns
V
DS=0...400 V,ISD
" ID,
T
j=25 °C
Maximum diode commutation
speed3)
dif/dt
500
A/µs
(see table 22)
Rev. 2.2, 2014-12-10


Similar Part No. - IPP60R600E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R600E6 INFINEON-IPP60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
logo
Inchange Semiconductor ...
IPP60R600E6 ISC-IPP60R600E6 Datasheet
337Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP60R600E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com