Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5511NADP Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # SP5511NADP
Description  Bidirectional I2C Bus 4-Address Synthesiser
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5511NADP Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SP5511NADP Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5511NADP Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SP5511
PACKAGE DETAILS
Dimensions are shown thus: mm (in).
0·51 (0·02)
MIN
0·38/0·61
(0·015/0·24)
25·40 (1·000)
MAX
7·11 (0·28)
MAX
18-LEAD PLASTIC DIL – DP18
1
18
3·05 (0·120)
MIN
PIN 1 REF
NOTCH
0·23/0·41
(0·009/0·016)
7·62 (0·3)
NOM CTRS
5·08/(0·20)
MAX
This package outline diagram is for
guidance only. Please contact your
GPS Customer Service Centre for
further information.
18 LEADS AT 2·54 (0·10)
NOM. SPACING
1·14/1·65
(0·045/0·107)
0·35/0·49
(0·014/0·019)
3·80/4·00
(0·150/0·157)
5·80/6·20
(0·228/0·244)
9·80/10·01
(0·386/0·394)
16
16-LEAD MINIATURE PLASTIC DIL - MP16
16 LEADS AT
1·27 (0·050)
NOM SPACING
0·69 (0·027)
MAX
0·10/0·25
(0·004/0·010)
1·35/1·75
(0·053/0·069)
SPOT REF.
CHAMFER
REF.
0·37
(0·015)
3
45
°
0·19/0·25
(0·007/0·010)
0-8
°
0·41/1·27
(0·016/0·050)
PIN 1
This package outline diagram is for
guidance only. Please contact your
GPS Customer Service Centre for
further information.


Similar Part No. - SP5511NADP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510NADP MITEL-SP5510NADP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510SNAMP MITEL-SP5510SNAMP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512SKGMPAS MITEL-SP5512SKGMPAS Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results

Similar Description - SP5511NADP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com