Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW40N120T2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKW40N120T2
Description  IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N120T2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKW40N120T2_14 Datasheet HTML 5Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 6Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 7Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 8Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 9Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 10Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 11Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 12Page - Infineon Technologies AG IKW40N120T2_14 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IKW40N120T2
TrenchStop
® 2nd Generation Series
IFAG IPC TD VLS
9
Rev. 2.4
23.09.2014
0nC
50nC
100nC
150nC
0V
5V
10V
15V
960V
240V
0V
10V
20V
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC=40 A)
Figure 18. Typical capacitance as a function of
collector-emitter voltage
(VGE=0V, f = 1 MHz)
12V
14V
16V
18V
0µs
5µs
10µs
15µs
12V
14V
16V
18V
0A
100A
200A
300A
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(VCE=600V, start at TJ  175°C)
Figure 20. Typical short circuit collector
current as a function of gate-emitter
voltage
(VCE  600V, Tj,start = 175C)


Similar Part No. - IKW40N120T2_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
More results

Similar Description - IKW40N120T2_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25N120T2 INFINEON-IKW25N120T2_13 Datasheet
464Kb / 15P
   IGBT in 2nd generation TrenchStop with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IKW15N120T2 INFINEON-IKW15N120T2_13 Datasheet
477Kb / 15P
   IGBT in 2nd generation TrenchStop짰 technology with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
IHW40T60 INFINEON-IHW40T60_13 Datasheet
582Kb / 13P
   IGBT in TRENCHSTOP technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.1 10.12.2013
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
IKP15N60T INFINEON-IKP15N60T_15 Datasheet
516Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com