Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTBDC-12-40 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # LTBDC-12-40
Description  DC-DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

LTBDC-12-40 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  LTBDC-12-40 Datasheet HTML 1Page - Technology Dynamics Inc. LTBDC-12-40 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
APPLICATIONS
APPLICATIONS
LTBDC SERIES
ONE TO FOUR OUTPUTS
DC-DC CONVERTERS
150-600 WATTS - 2.56" x 5.50" x 11.50"
WITH BATTERY BACK UP OPTION
ATTERY BACK UP OPTION
The LTBDC family of DC-DC Converters was
designed to satisfy a market for low cost, high
reliability applications. The LTBDC is especially
suitable for critical systems in remote locations,
severe environment,redundant (N+1) or battery
back up uninterruptible operation.
This versatile design is loaded with options, making
it particularly suitable to telecommunications
applications.
STANDARD FEATURES
Up to 4 outputs.
All Outputs Tightly Regulated.
MTBF > 150,000 hours
LED Indicators (each module)
Input/Output Power Good
OV/OL/OT Protected
Remote Inhibit
Compact, Light Weight
± 5% Output Adjustment
Terminal Block Input
Sub-D Conn. for Output
Meets FCC Docket 20780
Level A and VDE 0871/6.78 Level A
UL1950, CSA, 22.2
No.950/IEC950 Pending
AVAILABLE OPTIONS
Low Voltage Battery Disconnect
(LVBD) for battery back-up operation.
Ruggedized for Severe Environment
Wide Temp. Operation (-30°C to +75°C)
Conformal Coating
Rack Mount/ Panel Mount
Redundant Operation (N+1) Configuration
Design Excellence since 1976!
SPECIFICATIONS
ELECTRICAL:
ENVIRONMENTAL SPECIFICATIONS
Input: 22-32VDC or 42-56VDC
Regulation: Line ± 0.3%
Load ± 2%
Ripple: 25mV peak, not to exceed 100mV
Efficiency: 80% typical single output units.
70% typical for multiple output units.
Hold-up time: 20ms (minimum)
In Rush Current: 30A max. 1/2 cycle
Operating Temperature: 0°C to +50°C
Storage Temperature: -30°C to +85°C
Cooling: Internal ball bearing DC fan
DC fan and/or conduction to base plate
Weight: ~ 6 lbs. (2.7 kg) max.
Size: 2.56” x 5.50” x 11.50”
Protections: OV, OL and OT
AS 9100
CertificateNo:US008267-1


Similar Part No. - LTBDC-12-40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LTBDWR207 MA-COM-LTBDWR207 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBDWR207 MA-COM-LTBDWR207 Datasheet
18Kb / 1P
   ATM TM Device
LTBDWR207 MA-COM-LTBDWR207_15 Datasheet
18Kb / 1P
   ATM TM Device
More results

Similar Description - LTBDC-12-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com