Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMC39 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # TPSMC39
Description  AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

TPSMC39 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  TPSMC39 Datasheet HTML 1Page - EIC discrete Semiconductors TPSMC39 Datasheet HTML 2Page - EIC discrete Semiconductors TPSMC39 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Maximum
Working Peak
Maximum
Reverse
Maximum
Maximum
Breakdown Voltage @ It
Reverse
Reverse
Leakage
Peak Pulse
Clamping
(Note 1)
Voltage
Leakage
@ VRWM,
Surge
Voltage
@ VRWM
Tj=150
°C
Current
@ IPPM
VBR (V)
It
VRWM
IR
ID
IPPM
(2)
VRSM
Min.
Max.
(mA)
(V)
(
μA)
(
μA)
(A)
(V)
TPSMC6.8
6.12
7.48
10
5.50
1000
10000
139
10.8
TPSMC6.8A
6.45
7.14
10
5.80
1000
10000
143
10.5
TPSMC7.5
6.75
8.25
10
6.05
500
5000
128
11.7
TPSMC7.5A
7.13
7.88
10
6.40
500
2000
132
11.3
TPSMC8.2
7.38
9.02
10
6.63
200
2000
120
12.5
TPSMC8.2A
7.79
8.61
10
7.02
200
500
124
12.1
TPSMC9.1
8.19
10.0
1.0
7.37
50
500
109
13.8
TPSMC9.1A
8.65
9.55
1.0
7.78
50
200
112
13.4
TPSMC10
9.00
11.0
1.0
8.10
20
200
100
15.0
TPSMC10A
9.50
10.5
1.0
8.55
20
50
103
14.5
TPSMC11
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
TPSMC11A
10.5
11.6
1.0
9.40
5.0
10
96.2
15.6
TPSMC12
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
TPSMC12A
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
TPSMC13
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
TPSMC13A
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
TPSMC15
13.5
16.5
1.0
12.1
1.0
10
68.2
22.0
TPSMC15A
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
TPSMC16
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
TPSMC16A
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
TPSMC18
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
TPSMC18A
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
TPSMC20
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
TPSMC20A
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
TPSMC22
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
TPSMC22A
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
TPSMC24
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
TPSMC24A
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
TPSMC27
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
TPSMC27A
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
TPSMC30
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
TPSMC30A
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
TPSMC33
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
TPSMC33A
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
TPSMC36
32.4
39.6
1.0
29.1
1.0
10
28.8
52.0
TPSMC36A
34.2
37.8
1.0
30.8
1.0
10
30.1
49.9
TPSMC39
35.1
42.9
1.0
31.6
1.0
10
26.6
56.4
TPSMC39A
37.1
41.0
1.0
33.3
1.0
10
27.8
53.9
TPSMC43
38.7
47.3
1.0
34.8
1.0
10
24.2
61.9
TPSMC43A
40.9
45.2
1.0
36.8
1.0
10
25.3
59.3
Notes :
(1) VBR measured after It applied for 300
μs., It = square wave pulse or equivalent.
(2) Surge current waveform per Fig. 5 and derate per Fig. 1
(3) "PSMC" will be omitted in marking on the diode.
Page 2 of 3
Rev. 03: October 8, 2012
Type
IATF 0113686
SGS TH07/1033
TH09/2479
TH97/2478
www.eicsemi.com


Similar Part No. - TPSMC39

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TPSMC39 EIC-TPSMC39 Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC39 VISHAY-TPSMC39 Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC39 VISHAY-TPSMC39 Datasheet
89Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
EIC discrete Semiconduc...
TPSMC39A EIC-TPSMC39A Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC39A VISHAY-TPSMC39A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
More results

Similar Description - TPSMC39

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC6.8 EIC-TPSMC6.8 Datasheet
60Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMA6J5.0CAQ DIODES-SMA6J5.0CAQ Datasheet
480Kb / 5P
   600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 1 - 2 September 2022
SMAJ5.0AQ DIODES-SMAJ5.0AQ Datasheet
376Kb / 6P
   400W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
September 2021
SMCJ5.0AQ DIODES-SMCJ5.0AQ Datasheet
509Kb / 6P
   1,500W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
July 2022Rev. 8 - 2
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com