Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0441AKLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DBV0441AKLFT
Description  4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0441AKLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9DBV0441AKLFT Datasheet HTML 1Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0441AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
9DBV0441 REVISION E 04/28/16
1
©2016 Integrated Device Technology, Inc.
4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
w/Zo=100ohm
9DBV0441
Description
The 9DBV0441 is a member of IDT's SOC-Friendly 1.8V
Very-Low-Power (VLP) PCIe family. It has integrated output
terminations providing Zo=100ohms for direct connection to
100ohm transmission lines. The device has 4 output enables
for clock management, and 3 selectable SMBus addresses.
Recommended Application
1.8V PCIe Gen1-2-3 Zero-Delay/Fan-out Buffer (ZDB/FOB)
Output Features
4 – 1-200Hz Low-Power (LP) HCSL DIF pairs w/ZO=100
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF additive phase jitter is <100fs rms for PCIe Gen3
DIF additive phase jitter <300fs rms for 12kHz-20MHz
Features/Benefits
Direct connection to 100ohm transmission lines; saves 16
resistors compared to standard HCSL outputs
53mW typical power consumption in PLL mode; minimal
power consumption
Spread Spectrum (SS) compatible; allows use of SS for
EMI reduction
OE# pins; support DIF power management
HCSL compatible differential input; can be driven by
common clock sources
Programmable Slew rate for each output; allows tuning for
various line lengths
Programmable output amplitude; allows tuning for various
application environments
Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
Outputs blocked until PLL is locked; clean system start-up
Software selectable 50MHz or 125MHz PLL operation;
useful for Ethernet applications
Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
3.3V tolerant SMBus interface works with legacy controllers
Space saving 32-pin 5x5mm VFQFPN; minimal board
space
Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
Block Diagram
CONTROL
LOGIC
^SADR_tri
^CKPWRGD_PD#
ZDB PLL
vOE(3:0)#
^vHIBW_BYPM_LOBW#
CLK_IN#
SDATA_3.3
SCLK_3.3
DIF2
DIF3
DIF1
DIF0
CLK_IN


Similar Part No. - 9DBV0441AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
More results

Similar Description - 9DBV0441AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641_16 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0831 RENESAS-9DBU0831 Datasheet
356Kb / 17P
   8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
logo
Integrated Device Techn...
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Renesas Technology Corp
9DBU0641 RENESAS-9DBU0641 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com