Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0441AKLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DBV0441AKLF
Description  4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0441AKLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DBV0441AKLF Datasheet HTML 3Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 4Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 5Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 6Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 7Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 8Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 9Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 10Page - Integrated Device Technology 9DBV0441AKLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REVISION E 04/28/16
7
4 O/P 1.8V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHM
9DBV0441 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
1.8V Supply Voltage
VDD
Supply voltage for core, analog and LVCMOS
outputs
1.7
1.8
1.9
V
1
TCOM
Commmercial range
0
25
70
°C
1
TIND
Industrial range
-40
25
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
1
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.6 VDD
V1
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V1
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
1
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
1
Fibyp
Bypass mode
1
200
MHz
2
Fipll100
100MHz PLL mode
50
100.00
140
MHz
2
Fipll125
125MHz PLL mode
62.5
125.00
175
MHz
2
Fipll62
50MHz PLL mode
25
50.00
65
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,6
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.6
1
ms
1,2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
31.500
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
1,2
Trise
tR
Rise time of single-ended control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
0.8
V
1, 4
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 5 for VDDSMB < 3.3V
2.1
3.6
V
1, 5
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
1
SMBus Sink Current
IPULLUP
@ VOL
4mA
1
Nominal Bus Voltage
VDDSMB
1.7
3.6
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
1,7
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
6DIF_IN input
7The differential input clock must be running for the SMBus to be active
4 For V
DDSMB < 3.3V, VILSMB <= 0.35VDDSMB
5 For V
DDSMB < 3.3V, VIHSMB >= 0.65VDDSMB
Ambient Operating
Temperature
Input Current
Input Frequency
Capacitance


Similar Part No. - 9DBV0441AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
More results

Similar Description - 9DBV0441AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641_16 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0831 RENESAS-9DBU0831 Datasheet
356Kb / 17P
   8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
logo
Integrated Device Techn...
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Renesas Technology Corp
9DBU0641 RENESAS-9DBU0641 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com