Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0431AKLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DBV0431AKLF
Description  4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0431AKLF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9DBV0431AKLF Datasheet HTML 2Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 3Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 4Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 5Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 6Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 7Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 8Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 9Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
4-OUTPUT 1.8V PCIE GEN1-2-3 ZERO-DELAY/FANOUT BUFFER (ZDB/FOB)
6
REVISION E 04/28/16
9DBV0431 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
1.8V Supply Voltage
VDD
Supply voltage for core, analog and LVCMOS
outputs
1.7
1.8
1.9
V
1
TCOM
Commmercial range
0
25
70
°C
1
TIND
Industrial range
-40
25
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
1
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.6 VDD
V1
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V1
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
1
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
1
Fibyp
Bypass mode
1
200
MHz
2
Fipll100
100MHz PLL mode
50
100
140
MHz
2
Fipll125
125MHz PLL mode
62.5
125
175
MHz
2
Fipll62
50MHz PLL mode
25
50
65
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,6
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
0.6
1
ms
1,2
Input SS Modulation
Frequency
fMODIN
Allowable Frequency
(Triangular Modulation)
30
31.5
33
kHz
1
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
175
300
us
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
1,2
Trise
tR
Rise time of single-ended control inputs
5
ns
1,2
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
0.8
V
1,4
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 5 for VDDSMB < 3.3V
2.1
3.6
V
1,5
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
1
SMBus Sink Current
IPULLUP
@ VOL
4mA
1
Nominal Bus Voltage
VDDSMB
1.7
3.6
V
1
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
1,7
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
Ambient Operating
Temperature
Input Current
Input Frequency
Capacitance
3Time from deassertion until outputs are >200 mV
6DIF_IN input
7The differential input clock must be running for the SMBus to be active
4 For V
DDSMB < 3.3V, VILSMB <= 0.25VDDSMB
5 For V
DDSMB < 3.3V, VIHSMB >= 0.7VDDSMB


Similar Part No. - 9DBV0431AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0431 ICST-9DBV0431 Datasheet
213Kb / 17P
   LP-HCSL outputs save 8 resistors; minimal board space and BOM cost
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
   HCSL compatible differential input
logo
Renesas Technology Corp
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
More results

Similar Description - 9DBV0431AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0441 IDT-9DBV0441 Datasheet
211Kb / 17P
   4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0641 IDT-9DBV0641_16 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com