Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0431AKLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0431AKLF
Description  4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0431AKLF Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0431AKLF Datasheet HTML 1Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 2Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 3Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 4Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 5Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 6Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 7Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 8Page - Integrated Device Technology 9DBV0431AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION E 04/28/16
3
4-OUTPUT 1.8V PCIE GEN1-2-3 ZERO-DELAY/FANOUT BUFFER (ZDB/FOB)
9DBV0431 DATASHEET
Pin Descriptions
Pin# Pin Name
Type
Pin Description
1
^vHIBW_BYPM_LOB
LATCHED
IN
Trilevel input to select High BW, Bypass or Low BW mode.
See PLL Operating Mode Table for Details.
2
FB_DNC
DNC
True clock of differential feedback. The feedback output and feedback input are
connected internally on this pin. Do not connect anything to this pin.
3
FB_DNC#
DNC
Complement clock of differential feedback. The feedback output and feedback
input are connected internally on this pin. Do not connect anything to this pin.
4
VDDR1.8
PWR
1.8V power for differential input clock (receiver). This VDD should be treated as an
Analog power rail and filtered appropriately.
5
CLK_IN
IN
True Input for differential reference clock.
6
CLK_IN#
IN
Complementary Input for differential reference clock.
7
GNDR
GND
Analog Ground pin for the differential input (receiver)
8
GNDDIG
GND
Ground pin for digital circuitry
9
VDDDIG1.8
PWR
1.8V digital power (dirty power)
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.
16
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
GNDA
GND
Ground pin for the PLL core.
21
VDDA1.8
PWR
1.8V power for the PLL core.
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
26
GND
GND
Ground pin.
27
DIF3
OUT
Differential true clock output
28
DIF3#
OUT
Differential Complementary clock output
29
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
GND
Ground pin.
31
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion.
Low enters Power Down Mode, subsequent high assertions exit Power Down Mode.
This pin has internal pull-up resistor.
32
^SADR_tri
LATCHED
IN
Tri-level latch to select SMBus Address. See SMBus Address Selection Table.
33
ePad
GND
Connect epad to ground.


Similar Part No. - 9DBV0431AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0431 ICST-9DBV0431 Datasheet
213Kb / 17P
   LP-HCSL outputs save 8 resistors; minimal board space and BOM cost
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
   HCSL compatible differential input
logo
Renesas Technology Corp
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
More results

Similar Description - 9DBV0431AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0441 IDT-9DBV0441 Datasheet
211Kb / 17P
   4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0641 IDT-9DBV0641_16 Datasheet
167Kb / 17P
   6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
   6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com