Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0241AKLFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DBV0241AKLFT
Description  2-Output 1.8V PCIe Gen1/2/3 Zero Delay
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0241AKLFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9DBV0241AKLFT Datasheet HTML 1Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0241AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2-OUTPUT 1.8V PCIE GEN1/2/3 ZERO DELAY / FANOUT BUFFER WITH ZO=100OHMS
2
REVISION F 04/28/16
9DBV0241 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Frequency Select Table
PLL Operating Mode
SMBus Address
24 23 22 21 20 19
FB_DNC# 1
18 DIF1#
VDDR1.8 2
17 DIF1
CLK_IN 3
16 VDDA1.8
CLK_IN# 4
15 GNDA
GNDR 5
14 DIF0#
GNDDIG 6
13 DIF0
7
8
9 101112
24-pin VFQFPN, 4x4 mm, 0.5mm pitch
9DBV0241
epad is GND
^ prefix indicates internal 120KOhm pull up resistor
^v prefix indicates internal 120KOhm pull up AND pull
down resistor (biased to VDD/2)
v prefix indicates internal 120KOhm pull down resistor
True O/P
Comp. O/P
0
X
X
X
Low
Low
Off
1
Running
0
X
Low
Low
On1
1
Running
1
0
Running
Running
On1
1
Running
1
1
Low
Low
On1
CLK_IN
OEx# Pin
PLL
DIFx
CKPWRGD_PD#
SMBus
OEx bit
1. If Bypass mode is selected, the PLL will be off, and outputs will be running.
VDD
GND
25
76
11,20
10,21
16
15
Input receiver analog
Digital Power
DIF outputs
PLL Analog
Description
Pin Number
FSEL
Byte3 [4:3]
CLK_IN
(MHz)
DIFx
(MHz)
00 (Default)
100.00
CLK_IN
01
50.00
CLK_IN
10
125.00
CLK_IN
11
Reserved
Reserved
HiBW_BypM_LoBW#
MODE
Byte1 [7:6]
Readback
Byte1 [4:3]
Control
0
PLL Lo BW
00
00
M
Bypass
01
01
1
PLL Hi BW
11
11
Address
1101101
x
+
Read/Write bit


Similar Part No. - 9DBV0241AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
logo
Integrated Device Techn...
9DBV0241 IDT-9DBV0241 Datasheet
311Kb / 17P
   SMBus-selectable features
logo
Renesas Technology Corp
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
More results

Similar Description - 9DBV0241AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com