Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0241AKLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9DBV0241AKLF
Description  2-Output 1.8V PCIe Gen1/2/3 Zero Delay
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0241AKLF Datasheet(HTML) 5 Page - Integrated Device Technology

  9DBV0241AKLF Datasheet HTML 1Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 2Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 3Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 4Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 5Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 6Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 7Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 8Page - Integrated Device Technology 9DBV0241AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REVISION F 04/28/16
5
2-OUTPUT 1.8V PCIE GEN1/2/3 ZERO DELAY / FANOUT BUFFER WITH ZO=100OHMS
9DBV0241 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9DBV0241. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Clock Input Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
1.8V Supply Voltage
VDDxx
Applies to all VDD pins
-0.5
2.5
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5V
V
1, 3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.6V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
150
1000
mV
1
Input Swing - DIF_IN
VSWING
Differential value
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero


Similar Part No. - 9DBV0241AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
logo
Integrated Device Techn...
9DBV0241 IDT-9DBV0241 Datasheet
311Kb / 17P
   SMBus-selectable features
logo
Renesas Technology Corp
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
More results

Similar Description - 9DBV0241AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
   6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com