Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0231AKLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DBV0231AKLFT
Description  2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0231AKLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9DBV0231AKLFT Datasheet HTML 1Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0231AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
9DBV0231 REVISION F 04/28/16
1
©2016 Integrated Device Technology, Inc.
2-output 1.8V PCIe Gen1/2/3 Zero Delay /
Fanout Buffer
9DBV0231
Description
The 9DBV0231 is a member of IDT's 1.8V Very-Low-Power
(VLP) PCIe family. The device has 2 output enables for clock
management.
Recommended Application
1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer (ZDB/FOB)
Output Features
2 – 1-200MHz Low-Power (LP) HCSL DIF pairs
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF additive phase jitter is <100fs rms for PCIe Gen3
DIF additive phase jitter <300fs rms (12k-20MHz)
Features/Benefits
LP-HCSL outputs; save 4 resistors compared to standard
HCSL outputs
35mW typical power consumption in PLL mode; reduced
thermal concerns
Spread Spectrum (SS) compatible; allows use of SS for
EMI reduction
OE# pins; support DIF power management
HCSL compatible differential input; can be driven by
common clock sources
SMBus-selectable features; optimize signal integrity to
application
slew rate for each output
differential output amplitude
Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
Outputs blocked until PLL is locked; clean system start-up
Device contains default configuration; SMBus interface not
required for device control
3.3V tolerant SMBus interface works with legacy controllers
Space saving 24-pin 4x4mm VFQFPN; minimal board
space
Block Diagram
,
CONTROL
LOGIC
^vHIBW_BYPM_LOBW#
^CKPWRGD_PD#
SDATA_3.3
SS-
Compatible
PLL
vOE(1:0)#
SCLK_3.3
CLK_IN
CLK_IN#
2
DIF0
DIF1


Similar Part No. - 9DBV0231AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231 Datasheet
306Kb / 17P
   SMBus-selectable features
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
   2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
More results

Similar Description - 9DBV0231AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0831 IDT-9DBV0831_16 Datasheet
326Kb / 19P
   8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Renesas Technology Corp
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
   2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com