Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0242BKILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DBL0242BKILF
Description  2-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0242BKILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9DBL0242BKILF Datasheet HTML 2Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 3Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 4Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 5Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 6Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 7Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 8Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 9Page - Integrated Device Technology 9DBL0242BKILF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
6
OCTOBER 6, 2016
9DBL02 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
Supply voltage for core and analog
3.135
3.3
3.465
V
Ambient Operating
Temperature
TAMB
Industrial range
-40
25
85
°C
Input High Voltage
VIH
0.75 VDDx
VDDx + 0.3
V
Input Low Voltage
VIL
-0.3
0.25 VDDx
V
Input High Voltage
VIHtri
0.75 VDDx
VDD + 0.3
V
Input Mid Voltage
VIMtri
0.4 VDDx
0.5 VDDx
0.6 VDDx
V
Input Low Voltage
VILtri
-0.3
0.25 VDDx
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-50
50
uA
Bypass mode
1
200
MHz
2
100MHz PLL mode
60
100.00
140
MHz
2
50MHz PLL mode
30
50.00
65
MHz
2
125MHz PLL mode
75
125.00
175
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
1,2
Input SS Modulation
Frequency PCIe
fMODINPCIe
Allowable Frequency for PCIe Applications
(Triangular Modulation)
30
33
kHz
Input SS Modulation
Frequency non-PCIe
fMODIN
Allowable Frequency for non-PCIe Applications
(Triangular Modulation)
066
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
2
Trise
tR
Rise time of single-ended control inputs
5
ns
2
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
Capacitance
Input Frequency
FIN
Input Current
Single-ended inputs, except SMBus
Single-ended tri-level inputs ('_tri' suffix)


Similar Part No. - 9DBL0242BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0242BKILF IDT-9DBL0242BKILF Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0242BKILFT IDT-9DBL0242BKILFT Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0242BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com