Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL02 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DBL02
Description  2-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL02 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DBL02 Datasheet HTML 1Page - Integrated Device Technology 9DBL02 Datasheet HTML 2Page - Integrated Device Technology 9DBL02 Datasheet HTML 3Page - Integrated Device Technology 9DBL02 Datasheet HTML 4Page - Integrated Device Technology 9DBL02 Datasheet HTML 5Page - Integrated Device Technology 9DBL02 Datasheet HTML 6Page - Integrated Device Technology 9DBL02 Datasheet HTML 7Page - Integrated Device Technology 9DBL02 Datasheet HTML 8Page - Integrated Device Technology 9DBL02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
4
OCTOBER 6, 2016
9DBL02 DATASHEET
Test Loads
Alternate Terminations
The 9DBL family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with
IDT's "Universal" Low-Power HCSL Outputs” for details.
Terminations
Device
Zo (Ω)Rs (Ω)
9DBL0242
100
None needed
9DBL0252
100
7.5
9DBL02P2
100
Prog.
9DBL0242
85
N/A
9DBL0252
85
None needed
9DBL02P2
85
Prog.
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Note: The device can drive transmission line lengths greater
than those specified by the PCIe SIG


Similar Part No. - 9DBL02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0242BKILF IDT-9DBL0242BKILF Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0242BKILFT IDT-9DBL0242BKILFT Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0243 IDT-9DBL0243 Datasheet
387Kb / 22P
   2-Output 3.3V LP-HCSL Zero-Delay Buffer with LOS Indicator
9DBL0243ANLGI IDT-9DBL0243ANLGI Datasheet
387Kb / 22P
   2-Output 3.3V LP-HCSL Zero-Delay Buffer with LOS Indicator
More results

Similar Description - 9DBL02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com