Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS37012DBRG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS37012DBRG
Description  Self Test Ground Fault Circuit Interrupter (GFCI)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37012DBRG Datasheet(HTML) 4 Page - ON Semiconductor

  NCS37012DBRG Datasheet HTML 1Page - ON Semiconductor NCS37012DBRG Datasheet HTML 2Page - ON Semiconductor NCS37012DBRG Datasheet HTML 3Page - ON Semiconductor NCS37012DBRG Datasheet HTML 4Page - ON Semiconductor NCS37012DBRG Datasheet HTML 5Page - ON Semiconductor NCS37012DBRG Datasheet HTML 6Page - ON Semiconductor NCS37012DBRG Datasheet HTML 7Page - ON Semiconductor NCS37012DBRG Datasheet HTML 8Page - ON Semiconductor NCS37012DBRG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCS37012
www.onsemi.com
4
Table 3. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range
Vs
6.0 to 12 V
V
Input Voltage Range (Note 1)
Vin
−0.3 to 6.0
V
Output Voltage Range
Vout
−0.3 to 6.0 V or (Vin + 0.3),
whichever is lower
V
Maximum Junction Temperature
TJ(max)
140
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating:
v150 mA per JEDEC standard: JESD78
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 4. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, QFN16, 3x3.3 mm (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead2 (Note 5)
RqJA
RYJL
TBD
TBD
°C/W
Thermal Characteristics, TSSOP−20 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
TBD
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 5. OPERATING RANGES (Note 6)
Parameter
Conditions
Min
Typ
Max
Units
Operating Temperature
−40
85
C
IDD in typical power state
2.0
mA
Stimulus Generator Frequency
Tri−tone
3.1
3.4
kHz
SCR Trigger Current
8.0
mA
SCR Trigger output voltage
With 5 V supply
4.5
5.5
V
Fault Current Sensitivity
Programmable with CTresD
4.6
4.8
5.0
mA
Ground Fault Response Time
5 − 20 mA
150
ms
Ground Fault Response Time
20 − 40 mA
75
ms
Ground Fault Response Time
>40 mA
25
ms
Saturation Fault Response Time
>300 mA
1.4
ms
CT Turns Ratio
200
300
Ground – Neutral Detection Threshold
Total series impedance (Rn and Rg)
3.0
6.0
W
Internal Oscillator Frequency
2.0
MHz
CT Stimulus Current
Internally limited
1.0
mA
CT Driver Closed Loop BW
500
kHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.


Similar Part No. - NCS37012DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
More results

Similar Description - NCS37012DBRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
   Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
   Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
[Old version datasheet]   AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
logo
ON Semiconductor
NCS37000 ONSEMI-NCS37000 Datasheet
134Kb / 8P
   Ground Fault Circuit Interrupter (GFCI)
December, 2012 ??Rev. 0
NCS37010 ONSEMI-NCS37010_14 Datasheet
193Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FAN41501 FAIRCHILD-FAN41501 Datasheet
1Mb / 11P
   Ground Fault Interrupter Self-Test Digital Controller
logo
ON Semiconductor
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
   Ground Fault Interrupter Self-Test Digital Controller
June 2014
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com