Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N57M5114WD00TG Datasheet(PDF) 8 Page - ON Semiconductor

Part # N57M5114WD00TG
Description  32?릘ap Digital Potentiometer (POT)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N57M5114WD00TG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button N57M5114WD00TG Datasheet HTML 4Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 5Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 6Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 7Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 8Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 9Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 10Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 11Page - ON Semiconductor N57M5114WD00TG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
N57M5114
www.onsemi.com
8
+5 V
+5 V
+2.5 V
+5 V
IC3
N57M5114
CLO
IC1
393
AI
IC4
2
3
1
2
8
1
7
4
+5 V
OSC
IC2
74HC132
0.1
mF
+
CHI
6
5
5
6
3
7
+5 V
R3
R2
R1
0.001
mF
0.001
mF
1
mF
2
7
3
4
6
+
2
8
1
7
4
+5 V
N57M5114
+2.5 V
Figure 11. Programmable Bandpass Filter
VO
2.5
≤ VO ≤ 5 V
VUL
VLL
R1
R3
R2
10 k
W
VS
0
≤ VS ≤ 2.5 V
10 k
W
C1
C2
VO
VS
10 k
W
100 k
W
A1
50 k
W
Figure 12. Automatic Gain Control


Similar Part No. - N57M5114WD00TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5114WD00TG ONSEMI-N57M5114WD00TG Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer
June, 2018 ??Rev. 4
More results

Similar Description - N57M5114WD00TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com