Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N57M5127 Datasheet(PDF) 4 Page - ON Semiconductor

Part # N57M5127
Description  32?릘ap Digital Potentiometer (POT) with Wiper Storage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N57M5127 Datasheet(HTML) 4 Page - ON Semiconductor

  N57M5127 Datasheet HTML 1Page - ON Semiconductor N57M5127 Datasheet HTML 2Page - ON Semiconductor N57M5127 Datasheet HTML 3Page - ON Semiconductor N57M5127 Datasheet HTML 4Page - ON Semiconductor N57M5127 Datasheet HTML 5Page - ON Semiconductor N57M5127 Datasheet HTML 6Page - ON Semiconductor N57M5127 Datasheet HTML 7Page - ON Semiconductor N57M5127 Datasheet HTML 8Page - ON Semiconductor N57M5127 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
N57M5127
www.onsemi.com
4
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
VCC to GND
−0.5 to +7
V
Inputs
CS to GND
INC to GND
U/D to GND
H to GND
L to GND
W to GND
−0.5 to VCC +0.5
−0.5 to VCC +0.5
−0.5 to VCC +0.5
−0.5 to VCC +0.5
−0.5 to VCC +0.5
−0.5 to VCC +0.5
V
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix)
Industrial (‘I’ suffix)
0 to 70
−40 to +85
°C
Junction Temperature
+150
°C
Storage Temperature
−65 to 150
°C
Lead Soldering (10 s max)
+300
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 4. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP (Note 1)
ESD Susceptibility
MIL−STD−883, Test Method 3015
2000
V
ILTH (Notes 1, 2)
Latch-up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL−STD−883, Test Method 1008
100
Years
NEND
Endurance
MIL−STD−883, Test Method 1003
1,000,000
Stores
1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Latch-up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V
3. These parameters are periodically sampled and are not 100% tested.


Similar Part No. - N57M5127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5127 ONSEMI-N57M5127 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
N57M5127ZD10TG ONSEMI-N57M5127ZD10TG Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
N57M5127ZD50TG ONSEMI-N57M5127ZD50TG Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
More results

Similar Description - N57M5127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com