Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7542SD Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7542SD
Description  5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7542SD Datasheet(HTML) 2 Page - Exar Corporation

  MP7542SD Datasheet HTML 1Page - Exar Corporation MP7542SD Datasheet HTML 2Page - Exar Corporation MP7542SD Datasheet HTML 3Page - Exar Corporation MP7542SD Datasheet HTML 4Page - Exar Corporation MP7542SD Datasheet HTML 5Page - Exar Corporation MP7542SD Datasheet HTML 6Page - Exar Corporation MP7542SD Datasheet HTML 7Page - Exar Corporation MP7542SD Datasheet HTML 8Page - Exar Corporation MP7542SD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7542
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7542AD
Ceramic Dip
MP7542BD
Ceramic Dip
MP7542SD*
Ceramic Dip
MP7542TD*
Plastic Dip
MP7542JN
Plastic Dip
MP7542KN
SOIC
MP7542JS
SOIC
MP7542KS
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
–55 to +125
°C
+1
+1
+1
+1
+1/2
+1/2
+1/2
+1/2
+2
+2
+2
+2
+1
+1
+1
+1
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
INL
(LSB)
DNL
(LSB)
Gain Error
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
AGND
DB3
DB2
DB1
DB0
DGND
A1
A0
16 Pin CDIP, PDIP (0.300”)
D16, N16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RFB
VREF
VDD
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
16 Pin SOIC (Jedec, 0.300”)
S16
DGND
A1
A0
RFB
VREF
VDD
IOUT1
IOUT2
AGND
DB3
DB2
DB1
DB0
IOUT1
IOUT2
See Packaging Section for Package Dimensions
CLR
WR
CS
CLR
WR
CS
PIN OUT DEFINITIONS
1IOUT1
DAC current output. Normally
terminated at op amp.
2IOUT2
DAC current output. Normally
terminated at ground.
3
AGND
Analog Ground
4
DB3
Data Input Bit 3 (MSB)
5
DB2
Data Input Bit 2
6
DB1
Data Input Bit 1
7
DB0
Data Input Bit 0 (LSB)
PIN NO.
NAME
DESCRIPTION
8CS
Chip Select Input
9WR
Write Input
10
A0
Address Bus Input
11
A1
Address Bus Input
12
DGND
Digital Ground
13
CLR
Clear Input
14
VDD
+5 V Supply Input
15
VREF
Reference Input
16
RFB
DAC Feedback Resistor
PIN NO.
NAME
DESCRIPTION


Similar Part No. - MP7542SD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJN EXAR-MP7541BJN Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJS EXAR-MP7541BJS Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKN EXAR-MP7541BKN Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKS EXAR-MP7541BKS Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results

Similar Description - MP7542SD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
   5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com