Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHC_SERIES Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AHC_SERIES
Description  Switching Power Module for PCB Mountable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHC_SERIES Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AHC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AHC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AHC_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AHC_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AHC_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : B_5
update : 2010.11.17
AC-DC Power Module
AHC SERIES
5 Watts
AHC-A4
PIN#
Single
1
AC IN
2
NO CONNECT
3
+DC OUT
4.
-DC OUT
5
NO CONNECT
6
NO CONNECT
AHC-A5
PIN#
Single
1
NO CONNECT
2
AC IN (N)
3
AC IN (L)
4.
NO CONNECT
5
+DC OUT
6
-DC OUT
7
NO CONNECT
8
NO CONNECT


Similar Part No. - AHC_SERIES

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
AHC-S00 JDSU-AHC-S00 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-S01 JDSU-AHC-S01 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-S02 JDSU-AHC-S02 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-S03 JDSU-AHC-S03 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
AHC-S04 JDSU-AHC-S04 Datasheet
188Kb / 4P
   Amplifier Hybrid with Thin Film Coupler and Isolator
More results

Similar Description - AHC_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC ARCH-AZC Datasheet
203Kb / 2P
   Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
   Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
   Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
   Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
   Switching Power Module for PCB Mountable
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
   Switching Power Module for PCB Mountable
MFC15 ARCH-MFC15_16 Datasheet
233Kb / 3P
   Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
   Switching Power Module for PCB Mountable
AQC100 ARCH-AQC100_16 Datasheet
259Kb / 5P
   Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
   Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com