Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0621009790 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0621009790
Description  Impel 92 Ohm, 2 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621009790 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0621009790 Datasheet HTML 1Page - Molex Electronics Ltd. 0621009790 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-171320-990-001, AS-171320-991-001,
AS-171320-992-001
Packaging Specification
PK-78888-313
Product Specification
PS-171320-999-001
Sales Drawing
SD-171750-0001
Symbol/Footprint Data
SYM-171750-1022
This document was generated on 11/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0621009790

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621009790 MOLEX11-0621009790 Datasheet
64Kb / 2P
   Impel 92 Ohm, 2 Pair Right-Angle Daughtercard, 1.90mm Pitch, Right Guided
More results

Similar Description - 0621009790

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1717501022 MOLEX1-1717501022_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 2 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001020 MOLEX11-1714001020 Datasheet
58Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1720101020 MOLEX11-1720101020 Datasheet
61Kb / 2P
   Impel 92 Ohm, 5 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201026 MOLEX1-1713201026_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1713201026 MOLEX11-1713201026 Datasheet
64Kb / 2P
   Impel 92 Ohm, 4 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001026 MOLEX11-1714001026 Datasheet
61Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001038 MOLEX11-1714001038 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1719901038 MOLEX11-1719901038 Datasheet
61Kb / 2P
   Impel 92 Ohm, 3 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001020 MOLEX1-1714001020_17 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
1714001026 MOLEX1-1714001026_17 Datasheet
60Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com