Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N57L5128TBD50TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # N57L5128TBD50TG
Description  32?릘ap Digital Up/Down Control Potentiometer (POT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N57L5128TBD50TG Datasheet(HTML) 3 Page - ON Semiconductor

  N57L5128TBD50TG Datasheet HTML 1Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 2Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 3Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 4Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 5Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 6Page - ON Semiconductor N57L5128TBD50TG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N57L5128
www.onsemi.com
3
Table 1. OPERATION MODES
UP
DOWN
Operation
High to Low
High
Wiper toward A – RW Increment
X
Low
Wiper does not change
High
High to Low
Wiper toward B – RW Decrement
High to Low
High to Low
Wiper toward B – RW Decrement
Low
X
Wiper does not change
High
High
Wiper does not change
A
W
B
Figure 4. Potentiometer Equivalent Circuit
RB
RA
RW
CW
CB
CA
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
VCC to GND
−0.5 to +7 V
V
Inputs
UP to GND
DOWN to GND
A, B, W to GND
−0.5 to VCC +0.5
−0.5 to VCC +0.5
−0.5 to VCC +0.5
V
Operating Ambient Temperature
Industrial (‘I’ suffix)
−40 to +85
°C
Junction Temperature
+150
°C
Storage Temperature
−65 to 150
°C
Lead Soldering (10 seconds max)
+300
°C
Thermal Resistance
qJA
230
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V to +5.5 V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range
2.5
5.5
V
ICC1
Supply Current (Increment)
VCC = 5.5 V, f = 1 MHz, IW = 0
100
mA
VCC = 5.5 V, f = 250 kHz, IW = 0
50
mA
ISB1 (Note 1)
Supply Current (Standby)
UP, DOWN = VCC or GND
2
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. These parameters are periodically sampled and are not production tested.


Similar Part No. - N57L5128TBD50TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
More results

Similar Description - N57L5128TBD50TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com