Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25512C8ATR Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT25512C8ATR
Description  512-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25512C8ATR Datasheet(HTML) 1 Page - ON Semiconductor

  CAT25512C8ATR Datasheet HTML 1Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 2Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 3Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 4Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 5Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 6Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 7Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 8Page - ON Semiconductor CAT25512C8ATR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 9
1
Publication Order Number:
CAT25512/D
CAT25512
512-Kb SPI Serial CMOS
EEPROM
Description
The CAT25512 is a 512−Kb Serial CMOS EEPROM device
internally organized as 64Kx8 bits. This features a 128−byte page
write buffer and supports the Serial Peripheral Interface (SPI)
protocol. The device is enabled through a Chip Select (CS) input. In
addition, the required bus signals are clock input (SCK), data input
(SI) and data output (SO) lines. The HOLD input may be used to pause
any serial communication with the CAT25512 device. The device
features software and hardware write protection, including partial as
well as full array protection.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
20 MHz SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
128−byte Page Write Buffer
Additional Identification Page with Permanent Write Protection
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
4,000,000 Program/Erase Cycles
200 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP 8−lead, UDFN 8−pad and WLCSP 8−ball
Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAT25512
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
www.onsemi.com
PIN CONFIGURATIONS
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
SOIC−8
X SUFFIX
CASE 751BE
SCK
PDIP (L), SOIC (V, X),
TSSOP (Y), UDFN (HU5)
(Top View)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
UDFN−8
HU5 SUFFIX
CASE 517BU
WLCSP−8
C8A SUFFIX
CASE 567MB
WLCSP (C8A)
(Top View)
VCC
HOLD
VSS
WP
CS
SO
SCK
SI
Reference
Pin A1


Similar Part No. - CAT25512C8ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25512 ONSEMI-CAT25512 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512 ONSEMI-CAT25512 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT25512HU5E-GT3 ONSEMI-CAT25512HU5E-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512HU5E-GT3 ONSEMI-CAT25512HU5E-GT3 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT25512HU5I-GT3 ONSEMI-CAT25512HU5I-GT3 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results

Similar Description - CAT25512C8ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAT25512YI-GT3 ONSEMI-CAT25512YI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com