Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV24C512C8ATR Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAV24C512C8ATR
Description  512 kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV24C512C8ATR Datasheet(HTML) 1 Page - ON Semiconductor

  CAV24C512C8ATR Datasheet HTML 1Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 2Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 3Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 4Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 5Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 6Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 7Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 8Page - ON Semiconductor CAV24C512C8ATR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 2
1
Publication Order Number:
CAV24C512/D
CAV24C512
512 kb I2C CMOS Serial
EEPROM
Description
The CAV24C512 is a 512 kb Serial CMOS EEPROM, internally
organized as 65,536 words of 8 bits each.
It features a 128−byte page write buffer and supports the Standard
(100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory).
External address pins make it possible to address up to eight
CAV24C512 devices on the same bus.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
Automotive Temperature Grade 1 (−40°C to +125°C)
Supports Standard, Fast and Fast−Plus I2C Protocol
2.5 V to 5.5 V Supply Voltage Range
128−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
8−lead SOIC, TSSOP, UDFN and 8−ball WLCSP Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAV24C512
VCC
VSS
A2, A1, A0
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A0, A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
UDFN−8
HU5 SUFFIX
CASE 517BU
WLCSP−8
C8A SUFFIX
CASE 567JL
PIN CONFIGURATIONS
SDA
WP
VCC
VSS
A2
A1
A0
1
SCL
SOIC (W, X), TSSOP (Y),
UDFN (HU5)
(Top View)
For the location of
Pin 1, please consult
the corresponding
package drawing.
VCC
VSS
WP
SCL
SDA
Reference
Pin A1
WLCSP (C8A)
(Top View)
A2
A1
A0


Similar Part No. - CAV24C512C8ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C512C8ATR ONSEMI-CAV24C512C8ATR Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
More results

Similar Description - CAV24C512C8ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C512 ONSEMI-CAV24C512_18 Datasheet
357Kb / 18P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 3
CAT24C512C8UTR ONSEMI-CAT24C512C8UTR Datasheet
99Kb / 11P
   EEPROM Serial 512-Kb I2C
September, 2018 ??Rev. 0
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512VI-GT3 ONSEMI-CAT25512VI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com