Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV24C04YE-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAV24C04YE-GT3
Description  2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV24C04YE-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAV24C04YE-GT3 Datasheet HTML 1Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 2Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 3Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 4Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 5Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 6Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 7Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 8Page - ON Semiconductor CAV24C04YE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 4
1
Publication Order Number:
CAV24C02/D
CAV24C02, CAV24C04,
CAV24C08, CAV24C16
2-Kb, 4-Kb, 8-Kb and 16-Kb
I2C CMOS Serial EEPROM
Description
The CAV24C02/04/08/16 are 2−Kb, 4−Kb, 8−Kb and 16−Kb
respectively CMOS Serial EEPROM devices organized internally as
16/32/64 and 128 pages respectively of 16 bytes each. All devices
support both the Standard (100 kHz) as well as Fast (400 kHz) I2C
protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to eight
CAV24C02, four CAV24C04, two CAV24C08 and one CAV24C16
device on the same bus.
Features
Automotive Temperature Grade 1 (−40°C to +125°C)
Supports Standard and Fast I2C Protocol
2.5 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
CAV Prefix for Automotive and Other Applications Requiring Site
and Change Control
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
SCL
WP
CAV24Cxx
Figure 1. Functional Symbol
VSS
SDA
VCC
A2, A1, A0
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TSSOP−8
Y SUFFIX
CASE 948AL
PIN CONFIGURATIONS
(Top View)
SDA
SCL
WP
VCC
VSS
1
2
3
4
8
7
6
5
SOIC (W), TSSOP (Y)
PIN FUNCTION
Pin Name
A0, A1, A2
Function
Device Address Input
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
NC
No Connect
CAV24C__
16 / 08 / 04 / 02
NC ///
NC
NC
NC
NC
NC
A0
A1
A1
A2
A2
A2
///
///
WLCSP−4***
C4A SUFFIX
CASE 567DC
WLCSP−5***
C5A SUFFIX
CASE 567DD
WLCSP−4***
WLCSP−5***
(Top Views)
WP
SCL
SDA
SCL
SDA
Pin 1
A
12
3
12
B
C
A
B
Pin 1
VCC
VSS
VCC
VSS


Similar Part No. - CAV24C04YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C04YE-GT3 ONSEMI-CAV24C04YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C04YE-GT3 ONSEMI-CAV24C04YE-GT3 Datasheet
327Kb / 19P
   EEPROM Serial 2/4/8/16-Kb I2C - Automotive Grade 1
May, 2018 ??Rev. 6
More results

Similar Description - CAV24C04YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com