Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3082 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MOC3082
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOC3082 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MOC3082 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOC3082 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOC3082 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10/5/01
0.05
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
0
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
RMS On-state Current vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Normalised Input Trigger Current
vs. Ambient Temperature
0.1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Normalised Repetitive Peak Off-state
Voltage vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
On-state Voltage vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Normalised
to T
A = 25°C
0
On-state Current vs. On-state Voltage
0
0.4
0.8
1.2
1.6
2.0
On-state voltage V
TM (V)
80
60
40
20
100
Normalised
to T
A = 25°C
I
F = 20mA
T
A = 25°C
DB92698m-AAS/A1


Similar Part No. - MOC3082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3082 MOTOROLA-MOC3082 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3082 FAIRCHILD-MOC3082 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Guangdong Youtai Semico...
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3082 UMW-MOC3082 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS220 ETC-IS220 Datasheet
35Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS420 ETC1-IS420 Datasheet
38Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
MOC3040 ETC-MOC3040 Datasheet
84Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
MOC3060 ETC-MOC3060 Datasheet
68Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com