Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920531 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920531
Description  Current capability up to 0.2A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920531 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 177920531 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920531 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
6/22
NOTES
(1) Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods.
(2) Test voltage as defined by the UL60950-1.
(3) Typical numbers are valid at 25°C ambient temperature and represent statistically the utmost probability assuming the
Gaussian distribution.
(4) Depending on temperature, see safe operating area diagram (SOA).
(5) Measured without heatsink, no air flow.
(6) Overload current, see overload behavior diagram.
(7) The module output is not current limited or short circuit protected. Continuous operation above the specified values will
damage the device.
(8) Within the complete VIN tolerance range.
(9) MIL-HDBK-217F; GB Ground, Benign: Non mobile,
temperature
and
humidity controlled
environments
readily
accessible to maintenance; includes laboratory instruments and test equipment, medical electronic equipment,
business and scientific computer complexes, and missiles and support equipment in ground silos; MTBF value is
referring to 177920501


Similar Part No. - 177920531

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920531 WURTH-177920531 Datasheet
1Mb / 22P
   Output voltage: 5V unregulated
177920531 WURTH-177920531 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920531 WURTH-177920531 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205311 WURTH-1779205311 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920531

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920501 WURTH-177920501 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
   Switching capability up to 20A
logo
Rohm
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com