Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177920511 Datasheet(PDF) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920511
Description  Output voltage: 5V unregulated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920511 Datasheet(HTML) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 177920511 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920511 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
9/22
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: TAMB = 25°C.
3.3V  5V (177920501) - CONDUCTED EMISSION INPUT (EN55022)
0
10
20
30
40
50
60
70
0.15
1
10
Frequency [MHz]
Conducted Emissions 177920501
VIN = 3.3V, VOUT = 5V, ILOAD = 0.2A with input filter 22µF, 3.3µH, 470pF
Average Quasi peak
EN55022 Class B Quasi Peak limit
EN55022 Class B Average limit
80
-10
30
0.35
3.3V  5V (177920501) - RADIATED EMISSION (EN55022)
Measured with external filter at 3m antenna distance
0
10
20
30
40
50
60
70
30
100
1000
Frequency [MHz]
Radiated Emissions 177920501
VIN = 3.3V, VOUT = 5V, ILOAD = 0.2A with input filter 22µF, 3.3µH, 470pF
Horizontal
Vertical
EN55022 Class A limit
EN55022 Class B limit


Similar Part No. - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
1Mb / 22P
   Current capability up to 0.2A
177920511 WURTH-177920511 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205111 WURTH-1779205111 Datasheet
2Mb / 36P
   WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results

Similar Description - 177920511

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
   5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
logo
Maxim Integrated Produc...
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 20P
   5V Output-Voltage Application
Rev 0; 12/16
MAX17501B MAXIM-MAX17501B Datasheet
1Mb / 10P
   5V Fixed Output Voltage
Rev 1; 10/13
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17531ATBEVKIT MAXIM-MAX17531ATBEVKIT Datasheet
958Kb / 9P
   5V Output Voltage Applications
Rev 0; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com