Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

173010578 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173010578
Description  Continuous output power: 3.3W or 5W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010578 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  173010578 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173010578 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
WPMDH1100xx1S / 173010x42
MagI3C Power Module
FDSM
– Fixed Step Down Regulator Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
© June 2016
4/24
ABSOLUTE MAXIMUM RATINGS
Caution:
Exceeding the listed absolute maximum ratings may affect the device negatively and may cause permanent damage.
These are stress ratings only, which do not imply functional operation of the device at these or any other condition beyond
those indicated under “Operation Conditions”.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN (1)
MAX (1)
VIN
Input pin voltage
0
43
V
VOUT
Output pin voltage
-0.2
8
V
Tstorage
Assembled, non-operating storage temperature
-55
125
°C
VESD
ESD Voltage (Human Body Model), according to EN61000-4-2
±2000
V
OPERATING CONDITIONS
Operating conditions are conditions under which operation of the device is intended to be functional. All values are referenced
to GND.
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents
statistically the utmost probability at following conditions: VIN = 24V, VOUT = 3.3V (173010342), VOUT = 5V (173010542),
IOUT = 1A unless otherwise noted.
SYMBOL
PARAMETER
MIN (1)
TYP (2)
MAX (1)
UNIT
VIN
Input voltage (173010342)
7
-
42
V
VIN
Input voltage (173010542)
8
-
42
V
TA
Ambient temperature range
-40
-
85 (3)
°C
IOUT
Nominal output current
1
A
THERMAL SPECIFICATIONS
SYMBOL
PARAMETER
TYP (2)
UNIT
ӨCA
Case to ambient thermal impedance (4)
70
°C/W
TSD
Thermal shutdown, junction temperature rising
150
°C


Similar Part No. - 173010578

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010578 WURTH-173010578 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173010578 WURTH-173010578 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173010578 WURTH-173010578 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173010578

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com